Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4197 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4197
Description  RF filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4197 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4197 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4197 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4197 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4197 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4197 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AW Filter
ACTF4197-406-DCC6
Electrical Characteristics
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
406
-
MHz
Maximum Insertion Loss
IL
-
1.7
2.5
dB
3dB Bandwidth
8.9
9.1
MHz
40dB Bandwidth
13.8
16
MHz
Absolute Attenuation
α
0.3000 … 396.0 MHz
45
52
-
dB
416.0 … 426.0 MHz
40
44
-
dB
426.0 … 1000.0 MHz
45
47
-
dB
Source / Load Impedance (single ended)
50
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com