Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4186 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4186
Description  RF Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4186 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4186 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4186 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4186 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4186 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4186 Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
(-30°C~ +85°C)
Item
Minimum
Typical
Maximum
Unit
Center Frequency
fC
-
422.50
-
MHz
Maximum Insertion Loss in 420.0 ~ 425.0 MHz
IL
-
2.6
3.5
dB
Absolute Attenuation
α
0.30 … 410.00 MHz
40
45
-
dB
410.00 … 415.00 MHz
40
48
-
dB
442.50 … 465.00 MHz
35
45
-
dB
465.00 … 1000.0 MHz
40
45
-
dB
1000.0 … 2000.0 MHz
25
30
--
dB
Passband Ripple
Δα
420.0 ~ 425.0 MHz
0.8
2.0
dB
Group Delay Variation
420.0 ~ 425.0 MHz
60
150
ns
Input VSWR in 420.0 ~ 425.0 MHz
-
1.6:1
2.0:1
Output VSWR in 420.0 ~ 425.0 MHz
-
1.6:1
2.0:1
Source / Load Impedance (single ended)
50
RoHS Compliant
Electrostatic Sensitive Device
Typical Frequency Response
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com