Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF4072 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTF4072
Description  RF Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4072 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTF4072 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4072 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5. Performance
5-1. Maximum Ratings
Rating
Value
Unit
Input Power Level
Pin
10
dBm
DC Voltage
VDC
6
V
Storage Temperature Range
Tstg
-45 to +120
Operating Temperature Range
TA
-45 to +120
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Nominal Center Frequency
fC
433.920
MHz
Insertion Loss
IL
(at minimum loss point)
2.8
3.5
dB
3dB Bandwidth (from fC)
BW3
0.9
1.0
MHz
Relative attenuation (relative to IL)
±rel
fC± 21.4 MHz
fC± 10.7 MHz
fC± 1.0 MHz
36
30
10
44
38
dB
dB
dB
Ultimate Rejection
50
60
dB
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
A
C
E
A
ACT. All Rights Reserved.
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50© test system with VSWRd1.2:1.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or obsolescence
without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
1 / 4-2-2013



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com