Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY171 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # SY171
Description  Compact Reflective Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SY171 Datasheet(HTML) 4 Page - Omron Electronics LLC

  SY171 Datasheet HTML 1Page - Omron Electronics LLC SY171 Datasheet HTML 2Page - Omron Electronics LLC SY171 Datasheet HTML 3Page - Omron Electronics LLC SY171 Datasheet HTML 4Page - Omron Electronics LLC SY171 Datasheet HTML 5Page - Omron Electronics LLC SY171 Datasheet HTML 6Page - Omron Electronics LLC SY171 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EE-SY110/113/171
EE-SY110/113/171
 LEAKAGE CURRENT
CHARACTERISTICS (TYPICAL)
EE-SY171
Forward current IF (mA)
Sensing object: Object with no
light reflection
Sensing distance: Infinite
TA =25 °C
VCE =10 V
 SENSING DISTANCE
CHARACTERISTICS 2 (TYPICAL)
EE-SY171
Distance d (mm)
(a)
(b)
(c)
(d)
(e)
(f)
TA =25 °C
IF =20 mA
VCE =10 V
a: Aluminum
b: White paper with a
reflection factor of 90%
c: Pink paper
d: OHP
e: Tracing paper
f: Black sponge
EE-SY110
Distance d2 (mm)
TA =25 °C
IF =20 mA
VCE =10 V
Moving
direction
d1 =3 mm
d1 =5 mm
d1
d2
 SENSING DISTANCE
CHARACTERISTICS 1 (TYPICAL)
EE-SY110
Distance d (mm)
(b)
(c)
(d)
(a)
(a): 15 x 15 mm2
(b): 10 x 10 mm2
(c): 5 x 5 mm2
(d): 2 x 2 mm2
Sensing object: White paper with a
reflection factor of 90%
TA =25 °C
IF =20 mA
VCE =10 V
 SENSING DISTANCE
CHARACTERISTICS (TYPICAL)
EE-SY171
Distance d (mm)
TA =25 °C
IF =20 mA
VCE =10 V
Paper with a
reflection factor
of 90%
Tracing paper
OHP sheet
Black paper
d
EE-SY171
Distance d2 (mm)
TA =25 °C
IF =20 mA
VCE =10 V
Sensing object: Paper with
a reflection factor of 90%
d1
d2
d1 =3 mm
d1 =4 mm
d1 =5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com