Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAM-011220 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011220
Description  Low Distortion Performance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011220 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011220 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011220 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
75 Ω, High Linearity, Low Noise, CATV Amplifier
45 - 1218 MHz
Rev. V1
MAAM-011220
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: Freq. = 45 - 1218 MHz, TA = 25°C, VDD= 8 V, Z0 = 75 Ω
Absolute Maximum Ratings3,4,5,6
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
5. These operating conditions will ensure MTTF > 1 x 106 hours.
6. Junction Temperature (TJ) = Case Temperature (TC) + ӨJC*(V*I)
Typical thermal resistance (ӨJC) = 50.4°C/W.
a) For TC = 25°C,
TJ = 67.5°C @ 8 V, 130 mA
b) For TC = 85°C,
TJ = 137.5°C @ 8 V, 130 mA
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these HBM Class1A
devices.
Max Input Power
12 dBm
Operating Voltage
10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
1218 MHz
dB
18
18.5
20
Tilt
45 - 1218 MHz
dB
0.5
Reverse Isolation
dB
21.5
Input Return Loss
dB
20
Output Return Loss
dB
24
Noise Figure
50 - 100 MHz
100 - 1218 MHz
dB
2.6
2.4
4
3.1
Output IP2
45 - 1218 MHz, tone spacing 6 MHz,
POUT per tone = -10 dBm
dBm
66
Output IP3
45 - 1218 MHz, tone spacing 6 MHz,
POUT per tone = -10 dBm
dBm
38
P1dB
dBm
24
Composite Triple Beat, CTB
79 channels, 0 dB Tilt, 34 dBmV per
channel output, QAM to 1000 MHz
132 channels, 15 dBmV per channel input
dBc
-73
-71
Composite Second Order, CSO
79 channels, 0 dB Tilt, 34 dBmV per
channel output, QAM to 1000 MHz
132 channels, 15 dBmV per channel input
dBc
-69
-65
IDD
VDD = 8 V
mA
110
130
145



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com