Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C5115-RATIM Datasheet(PDF) 92 Page - ATMEL Corporation

Part # T89C5115-RATIM
Description  Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115-RATIM Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button T89C5115-RATIM Datasheet HTML 88Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 89Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 90Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 91Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 92Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 93Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 94Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 95Page - ATMEL Corporation T89C5115-RATIM Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
92
T89C5115
4128A–8051–04/02
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters for Standard Voltage
TA =-40
°Cto +85°C; V
SS =0V;
VCC =5V ± 10%; F = 0 to 40 MHz
Notes:
1. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL = 5 ns (see Figure 44.), VIL =
VSS +0.5V, VIH =VCC - 0.5V; XTAL2 N.C.; RST = VCC.ICC would be slightly higher if a crystal oscillator used (see Figure 41.).
2. Idle I
CC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL =5ns, VIL =VSS +0.5V, VIH =VCC -
0.5V; XTAL2 N.C; Port 0 = V
CC; RST=VSS (see Figure 42.).
3. Power-down ICC is measured with all output pins disconnected; XTAL2 NC.; RST = VSS (see Figure 43.). In addition, the
WDT must be inactive and the POF flag must be set.
4. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature.
Ambiant Temperature Under Bias:
I = industrial ....................................................... -40
°Cto 85°C
Storage Temperature ................................... -65
°Cto+ 150°C
VoltageonVCC from VSS......................................-0.5V to + 6V
VoltageonAny Pin from V
SS .................... -0.5V to VCC +0.2 V
Power Dissipation ............................................................. 1 W
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
The power dissipation is based on the maximum
allowable die temperature and the thermal resistance
of the package.
Table 68. DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ(5)
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 Vcc - 0.1
V
V
IH
Input High Voltage except XTAL1, RST
0.2 V
CC +0.9
V
CC +0.5
V
V
IH1
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC +0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3 and 4(6)
0.3
0.45
1.0
V
V
V
I
OL =100 µA
I
OL =1.6 mA
I
OL =3.5 mA
V
OH
Output High Voltage, ports 1, 2, 3, 4
V
CC -0.3
V
CC -0.7
V
CC -1.5
V
V
V
I
OH =-10 µA
I
OH =-30 µA
I
OH =-60 µA
V
CC =5V ± 10%
R
RST
RST Pulldown Resistor
50
90
200
k
I
IL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
µAVin = 0.45V
I
LI
Input Leakage Current
±10
µA0.45V < Vin < V
CC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
µAVin = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA =25
°C
IPD
Power-down Current
160
350
µA4.5V < V
CC <5.5V
(3)
ICC
Power Supply Current
ICCOP =0.7 Freq (MHz) + 3mA
ICCIDLE =0.6 Freq (MHz) + 2mA
Vcc = SS
(1) (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com