Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5110IDAP Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5110IDAP
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110IDAP Datasheet(HTML) 3 Page - Texas Instruments

  TAS5110IDAP Datasheet HTML 1Page - Texas Instruments TAS5110IDAP Datasheet HTML 2Page - Texas Instruments TAS5110IDAP Datasheet HTML 3Page - Texas Instruments TAS5110IDAP Datasheet HTML 4Page - Texas Instruments TAS5110IDAP Datasheet HTML 5Page - Texas Instruments TAS5110IDAP Datasheet HTML 6Page - Texas Instruments TAS5110IDAP Datasheet HTML 7Page - Texas Instruments TAS5110IDAP Datasheet HTML 8Page - Texas Instruments TAS5110IDAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
3
www.ti.com
terminal assignments
In addition to the 32-pin HTSSOP DAP package, the TAS5110 is offered in a thermally enhanced 32-pin TSSOP
surface-mount package (DAD). The DAD package has the PowerPAD on top.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
PWM_BP
PWM_BM
RESET
PWDN
BIAS_B
BIAS_A
VRFILT
DVSS
DVSS
DVSS
DVDD
SHUTDOWN
ERR0
ERR1
PWM_AM
PWM_AP
PVDDB2
LDROUTB
BOOTSTRAPB
PVDDB1
PVDDB1
OUTPUTB
OUTPUTB
PVSS
PVSS
OUTPUTA
OUTPUTA
PVDDA1
PVDDA1
BOOTSTRAPA
LDROUTA
PVDDA2
DAD PACKAGE
(TOP VIEW)
ordering information
TC
PACKAGE
TAPE AND REEL
0
°C to 70°C
TAS5110DAD
TAS5110DADR
–40
°C to 85°C
TAS5110IDAD
TAS5110IDADR
references
TAS5000 Digital Audio PWM Processor data manual – TI Literature Number SLAS270
TAS5001 Digital Audio PWM Processor data manual – TI Literature Number SLES009
TAS5010 Digital Audio PWM Processor data manual – TI Literature Number SLAS328
TAS5012 Digital Audio PWM Processor data manual – TI Literature Number SLES006
Digital Audio Measurements – TI literature number SLAA114
PowerPAD Thermally Enhanced Package – TI literature number SLMA002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com