Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5110DAD Datasheet(PDF) 17 Page - Texas Instruments

Part # TAS5110DAD
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110DAD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TAS5110DAD Datasheet HTML 12Page - Texas Instruments TAS5110DAD Datasheet HTML 13Page - Texas Instruments TAS5110DAD Datasheet HTML 14Page - Texas Instruments TAS5110DAD Datasheet HTML 15Page - Texas Instruments TAS5110DAD Datasheet HTML 16Page - Texas Instruments TAS5110DAD Datasheet HTML 17Page - Texas Instruments TAS5110DAD Datasheet HTML 18Page - Texas Instruments TAS5110DAD Datasheet HTML 19Page - Texas Instruments TAS5110DAD Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
17
www.ti.com
Aluminum Chassis 7.2 in x 1 in x 0.1 in Thick
Sides of U-Shaped Chassis Are 1.25 in High (3.9
°C/W)
32 DAP Package
1/4 in x 1/4 in x 2.33 in
Aluminum Space Bar
(0.09
°C/W)
Insulating
Back Panel
Insulating
Front Panel
1 mm
Stereo Amplifier Board
Wakefield Type 126
Thermal Compound
Under Via Pads
(4.3
°C/W)
Wakefield Type 126
Thermal Compound
(0.1
°C/W)
Figure 9. 32-Pin DAP Package Cross-Sectional View (Side)
Aluminum Chassis 7.2 in x 1 in x 0.1 in Thick
Sides of U-Shaped Chassis Are 1.25 in High
(3.9
°C/W)
2.33 in
4-40 Machine Screws With
Star Washers
Plastic Top and Insulating
Front and Back Panels
32 DAP Packages
(1.6
°C/W)
Aluminum Space Bar
(1/4 in Thick)
(0.558
°C/W)
Stereo Amplifier Board
Wakefield Type 126
Thermal Compound
(0.1
°C/W)
Wakefield Type 126
Thermal Compound
Under Via Pads
(4.3
°C/W)
Figure 10. 32-Pin DAP Package Cross-Sectional View (Front)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com