Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT1002 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCLT1002
Description  Optocoupler with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1002 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCLT1002 Datasheet HTML 1Page - Vishay Siliconix TCLT1002 Datasheet HTML 2Page - Vishay Siliconix TCLT1002 Datasheet HTML 3Page - Vishay Siliconix TCLT1002 Datasheet HTML 4Page - Vishay Siliconix TCLT1002 Datasheet HTML 5Page - Vishay Siliconix TCLT1002 Datasheet HTML 6Page - Vishay Siliconix TCLT1002 Datasheet HTML 7Page - Vishay Siliconix TCLT1002 Datasheet HTML 8Page - Vishay Siliconix TCLT1002 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
5 (12)
www.vishay.com
Document Number 83515
Rev. A3, 19–Mar–01
Maximum Safety Ratings (according to VDE 0884) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Forward current
Isi
130
mA
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25°C
Psi
265
mW
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
Rated impulse voltage
VIOTM
8
kV
Safety temperature
Tsi
150
°C
Insulation Rated Parameters (according to VDE 0884)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Partial discharge test voltage –
Routine test
100%, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage –
tTr = 60 s, ttest = 10 s,
VIOTM
8
kV
gg
Lot test (sample test)
Tr
test
(see figure 2)
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
W
VIO = 500 V,
Tamb = 100°C
RIO
1011
W
VIO = 500 V,
Tamb = 150°C
(construction test only)
RIO
109
W
0
25
50
75
125
0
50
100
150
200
300
Tsi – Safety Temperature ( °C )
150
94 9182
100
250
Phototransistor
Psi ( mW )
IR-Diode
Isi ( mA )
Figure 1. Derating diagram
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
Figure 2. Test pulse diagram for sample test according to
DIN VDE 0884



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com