Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8185I Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8185I
Description  HORIZONTALAND VERTICAL PROCESSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8185I Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8185I Datasheet HTML 1Page - STMicroelectronics TDA8185I Datasheet HTML 2Page - STMicroelectronics TDA8185I Datasheet HTML 3Page - STMicroelectronics TDA8185I Datasheet HTML 4Page - STMicroelectronics TDA8185I Datasheet HTML 5Page - STMicroelectronics TDA8185I Datasheet HTML 6Page - STMicroelectronics TDA8185I Datasheet HTML 7Page - STMicroelectronics TDA8185I Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VS =5 V, VCC =12 V, Tamb =25
°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
COMPOSITE BLANKING AND KEY PULSE (supersandcastle)
VK
Key Pulse Output Peak Voltage
10
V
VL
Line Blanking Voltage
4.25
4.5
4.75
V
VF
Frame Blanking Voltage
2.38
2.5
2.63
V
tKS
Phase Relationship between Leading Edge of Key
Pulse and Middle of Sync. Pulse
2.5
µs
tK
Key Pulse Duration
4
µs
tF
Vertical Blanking Duration
1.4
ms
FRAME
V20
Output p.p. Sawtooth Voltage
50Hz and 60Hz
2.7
V
V20
Pedestal Voltage
0.3
V
LINE
I7
Output Current
50
mA
V7
Saturation Voltage
I7 = 50mA
0.4
V
tL
Output Pulse Duration
29
µs
SYNC. STATUS OUTPUT
V21
Output Voltage
50Hz
60Hz
Unlock
6.25
12
7
7.45
0.3
V
V
V
OVERALL PHASE RELATION SHIP
tO
Phase Difference between Middle of Flyback and
Middle of Sync. Pulses
2
µs
VERTICAL BLANKING OUT AND FLY. INPUT
V22
Blanking Output Voltage
4
V
V22
Flyback Threshold Input
5.7
V
I22
Flyback Current Input
0.1
mA
Notes : 1. With tfly =12
µsand tI =29 µs.
2. The TDA8185I may be operated on a 5V supply directly. A 5.5 V shunt regulator is available internally for operation on higher
supply voltage ; in this case an external limiting resistor is required.
Without the external limiting resistor care must be taken to ensure that the supply voltage does not exceed 5.5V or the regulator
will intervene and the device could be damaged.
TDA8185I
4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com