Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD2015WBA Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # CD2015WBA
Description  Type CD Low Resistance Precision Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

CD2015WBA Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  CD2015WBA Datasheet HTML 1Page - Caddock Electronics, Inc. CD2015WBA Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
© 2003-2007 Caddock Electronics, Inc.
CAD
K
DOC
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
28_IL117.1004
CD2015FC Standard Resistance Values:
Tolerance CD2015FC ±1% Standard.
CD2520FC Standard Resistance Values:
0.010 Ω
0.015 Ω
0.020 Ω
0.025 Ω
Tolerance CD2520FC ±1% Standard.
0.030 Ω
0.033 Ω
0.040 Ω
0.050 Ω
0.075 Ω
0.10 Ω
0.20 Ω
Custom resistance values and non-standard tolerances
can be manufactured for high quantity applications.
Please contact Caddock Applications Engineering.
Recommended Circuit Board Layout
(current and sense connections):
Fig. 1A: Recommended Kelvin layout.
0.20 Ω
0.010 Ω
Model
Resistance
Min.
Max.
Power Capability Information
CD2015FC
CD2520FC
0.20 Ω
0.010 Ω
150°C
1.0 Watt
Max. Chip
Temperature
General Applications High Power Applications
Thermal Resistance - RθJC
Film (J) to Solder Pad (C)
(see note 2)
12.0°C/Watt
Power Rating
at 70° C
(see note 1)
9.0°C/Watt
150°C
Dimensions in inches and (millimeters)
.200 ±.012
(5.08 ±.30
A
B
D
.150 ±.012
(3.81 ±.30)
.062 min.
(1.57 min.)
C
.063 ±.006
(1.60 ±.15)
.250 ±.012
(6.35 ±.30)
.200 ±.012
(5.08 ±.30)
.078 min.
(1.98 min.)
.063 ±.006
(1.60 ±.15
Comments
Solderable Pedestal
Solderable Pedestal
1.5 Watts
Type CD Low Resistance Precision Chip Resistors
Style FC - Flip Chip Version is a surface mount version with solderable pedestal terminals for flip chip soldering.
Note 1: General Applications - The power rating for
general applications is based upon 0.5 sq. in. (300
mm2) of termination pad or trace area (2 oz. copper)
connected to each end of the resistor. Maximum chip
temperature is 150°C. Use Derating Curve to derate
appropriately for the maximum ambient temperature
and for the temperature limitations of the adjacent
materials.
Note 2: Thermal Resistance - In High Power Applications where the circuit board material
provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal resistance of
the chip resistor is useful to establish the maximum power capability of the chip resistor in the
application. The film temperature is measured at the center of the resistor element and solder
pad temperature at the center of the solderable pedestal (point X in the recommended circuit
layout shown below). Maximum temperature of the chip resistor (at the center of chip) should
not exceed 150°C through the temperature range of the application
.
Style FC Derating Curve For General Applications
AMBIENT TEMPERATURE, C
o
100
80
60
40
20
0
25
100
150
70
C = Current connection
S = Sense connection
Note: Actual width of current trace is based on
magnitude of current. Point of connection should
be in the area shown.
Low Resistance Chip down to 0.010Ω at ±1% with unique Pedestal Terminal Design
for Current Sense in Hybrid and SMT Applications
0.010 Ω
0.015 Ω
0.020 Ω
0.025 Ω
0.030 Ω
0.033 Ω
0.040 Ω
0.050 Ω
0.075 Ω
0.10 Ω
0.20 Ω
S S
X
X
C
C
Type CD Low Resistance Precision Chip Resistors utilize the proven Caddock
Micronox® resistance films to achieve the unique low resistance range in this
family. The special performance features of the Type CD Low Resistance
Precision Film Resistor include:
• Style FC - Flip Chip version for surface mount applications.
Style WB - Wire Bond version for hybrid applications with metallized
back surface for solder down heat sinking of the chip, includes bondable
termination pedestals to receive aluminum wire bonds.
• Resistance as low as 0.010 ohm at ±1%.
• Pedestal terminals in this design provide an ultra low resistance
connection pad which maintains the precision 0.010Ω ±1% at the point
of customer Kelvin connection to the resistor chip. The pedestal terminal
with its copper core also provides heat spreading which enhances the
high power handling capability.
• Thermal resistance is provided to optimize high power designs when
utilizing higher thermal conductivity circuit board substrates such as IMS
or Alumina.
• High pulse handling and overload capability.
• Low inductance provides excellent high frequency and pulse response.
Page 1 of 2


Similar Part No. - CD2015WBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD2015WBA ETC2-CD2015WBA Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CD2015WBA RHOPOINT-CD2015WBA Datasheet
564Kb / 2P
CD Low Resistance Precision Chip Resistors
More results

Similar Description - CD2015WBA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHR2520FC ETC2-CHR2520FC Datasheet
99Kb / 1P
High Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
Low Resistance Precision Chip Resistors
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
Low Resistance Precision Chip Resistors
logo
RHOPOINT COMPONENTS
CC1512FC RHOPOINT-CC1512FC Datasheet
561Kb / 2P
Type CC Low Resistance Precision Chip Resistors
AEN-0103 RHOPOINT-AEN-0103 Datasheet
14Kb / 1P
High Resistance Precision Chip Resistors
logo
Panasonic Semiconductor
ERJ-6RSJR18V PANASONIC-ERJ-6RSJR18V Datasheet
109Kb / 4P
Thick Film Chip Resistors / Low Resistance Type
logo
RHOPOINT COMPONENTS
CD2015FC RHOPOINT-CD2015FC Datasheet
564Kb / 2P
CD Low Resistance Precision Chip Resistors
CHR2520FC RHOPOINT-CHR2520FC Datasheet
381Kb / 1P
HIGH Resistance Precision Chip Resistors
logo
Caddock Electronics, In...
CC1512FC CADDOCK-CC1512FC Datasheet
190Kb / 2P
Type CC Low Resistance Precision Chip Resistors
CHR2520FC CADDOCK-CHR2520FC Datasheet
114Kb / 1P
Type CHR High Resistance Precision Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com