Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT73G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT73G-S14-R
Description  Low static power consumption
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT73G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT73G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT73G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT73G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT73G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HCT73G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74HCT73G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HCT73
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R126-047.A
TIMING REQUIREMENTS (Input: tR, tF≤2.5ns; PRR≤1MHz)
PARAMETER
SYMBOL
Conditions
MIN
TYP
MAX
UNIT
VCC=4.5V
27
MHZ
Clock frequency
fCLOCK
VCC=5.5V
30
MHZ
VCC=4.5V
18
ns
Pulse duration
tW
VCC=5.5V
16
ns
VCC=4.5V
12
ns
Setup time before CLK↓
tSU
VCC=5.5V
11
ns
VCC=4.5V
0
ns
Hold time ,data after CLK↓
tH
VCC=5.5V
0
ns
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation
Capacitance
CPD
No load.
35
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com