Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G86G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G86G-AE5-R
Description  Low power dissipation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G86G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G86G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G86G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G86G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G86G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G86G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G86
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A73.B
SINGLE 2-INPUT
EXCLUSIVE-OR GATE
DESCRIPTION
The U74LVC1G86 is a single 2-input EXCLUSIVE-OR gate
which provides the Function
B
A
Y
or
B
A
B
A
Y
in
positive logic. Inputs can be driven from either 3.3V or 5V devices.
These features allow the use of these devices in a mixed 3.3V and
5V environment.
This device is fully specified for partial Power-down applications
using IOFF. The IOFF circuitry disables the output, preventing the
damaging backflow current through the device when it is powered
down.
FEATURES
* Operate from 1.65V to 5.5V
* Inputs accept voltages to 5.5V
* IOFF supports partial-power-down mode
* Low power dissipation
* Max tPD of 4 ns at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G86G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G86G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G86G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G86 UTC-U74LVC1G86 Datasheet
214Kb / 6P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
SINGLE 2-INPUT OR GATE
More results

Similar Description - U74LVC1G86G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HG61H HITACHI-HG61H Datasheet
1Mb / 30P
Low power dissipation
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64_14 Datasheet
293Kb / 15P
Low Power Dissipation
logo
Nell Semiconductor Co.,...
D7100W NELLSEMI-D7100W Datasheet
1Mb / 3P
Low power dissipation
D12000W NELLSEMI-D12000W Datasheet
3Mb / 3P
Low power dissipation
D16000W NELLSEMI-D16000W Datasheet
329Kb / 1P
Low power dissipation
logo
Optoway Technology Inc
QPM-2100WG OPTOWAY-QPM-2100WG Datasheet
512Kb / 8P
Low Power Dissipation
logo
Unisonic Technologies
U74AUP1T157G-AL6-R UTC-U74AUP1T157G-AL6-R Datasheet
202Kb / 6P
Low power dissipation
U74LVC1G139G-S08-R UTC-U74LVC1G139G-S08-R Datasheet
205Kb / 5P
Low power dissipation
logo
Vishay Siliconix
TLVH42N2Q2 VISHAY-TLVH42N2Q2 Datasheet
143Kb / 5P
Low power dissipation
14-Oct-14
logo
List of Unclassifed Man...
AM9111 ETC2-AM9111 Datasheet
533Kb / 12P
Low operating power dissipation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com