Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G97G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G97G-AL6-R
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G97G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G97G-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G97G-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G97G-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G97G-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G97G-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G97
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-053.A
CONFIGURABLE
MULTIPLE-FUNCTION GATE
DESCRIPTION
The U74LVC1G97 is a configurable multiple-function gate with
Schmitt input.All inputs can be connected to VCC or GND.
The output state is determined by eight patterns of 3-bit input.
The user can choose the logic functions MUX, AND, OR, NAND,
NOR, inverter, and noninverter.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=10μA (Max.)
* ±24mA output drive (VCC=3.3V)
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G97G-AL6-R
SOT-363
Tape Reel
U74LVC1G97G-AL6-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AL6: SOT-363
(3) G: Halogen Free and Lead Free
MARKING


Similar Part No. - U74LVC1G97G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G97 UTC-U74LVC1G97 Datasheet
246Kb / 5P
CONFIGURABLE MULTIPLE-FUNCTION GATE
U74LVC1G97L-AL6-R UTC-U74LVC1G97L-AL6-R Datasheet
246Kb / 5P
CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - U74LVC1G97G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 3
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
CONFIGURABLE MULTIPLE-FUNCTION GATE
Rev 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com