Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC3G06G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC3G06G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC3G06G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC3G06G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC3G06G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC3G06G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC3G06G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC3G06G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC3G06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-039.A
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8±0.15V,CL=30pF, RL=1kΩ
1.8
7.2
ns
VCC=2.5±0.2V,CL=30pF, RL=500Ω
1.0
3.9
ns
VCC=3.3±0.3V,CL=50pF, RL=500Ω
1.0
3.4
ns
Propagation delay from
input (A) to output(Y)
tPZL / tPLZ
VCC=5±0.5V,CL=50pF, RL=500Ω
1.0
2.9
ns
OPERATING CHARACTERISTICS (f=10MHz, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
2
pF
VCC=2.5V
2
pF
VCC=3.3V
3
pF
Power Dissipation
Capacitance
CPD
VCC=5V
4
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com