Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC3G14G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC3G14G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC3G14G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC3G14G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC3G14G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC3G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R126-041.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Output in the high or low state
-0.5 ~ + VCC+0.5
V
Output Voltage
VOUT
Output in the power-off state
-0.5 ~ +6.5
V
Continuous VCC or GND
Current
ICC
±100
mA
Continuous Output Current
IOUT
VOUT=0V ~ VCC
±50
mA
Input Clamp Current
IIK
VIN<0V
-50
mA
Output Clamp Current
IOK
VOUT>VCC or VOUT<0V
-50
mA
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
150
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
5.5
V
Supply Voltage
VCC
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
Operating Temperature
(Note)
TA
-40
125
°C
VCC=1.8V±0.15V, 2.5V±0.2V
20
ns/V
VCC=3.3V±0.3V
10
ns/V
Input Transition Rise or Fall
Rate
∆t/∆v
VCC=5V±0.5V
5
ns/V
Note: This condition is only determined from design. It can't be 100% tested in mass production.
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.65V
0.7
1.4
V
VCC=2.3V
1
1.7
V
VCC=3V
1.3
2.2
V
VCC=4.5V
1.9
3.1
V
Positive-Going Input
Threshold Voltage
VT+
VCC=5.5V
2.2
3.7
V
VCC=1.65V
0.3
0.7
V
VCC=2.3V
0.4
1.1
V
VCC=3V
0.6
1.3
V
VCC=4.5V
1.1
2
V
Negative-Going Input
Threshold Voltage
VT-
VCC=5.5V
1.4
2.5
V
VCC=1.65V
0.3
0.8
V
VCC=2.3V
0.4
0.9
V
VCC=3V
0.4
1.1
V
VCC=4.5V
0.6
1.3
V
Hysteresis Voltage (VT+-VT-)
△
VT
VCC=5.5V
0.7
1.4
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com