Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC3G17G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC3G17G-S08-R
Description  Low static power consumption
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC3G17G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC3G17G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC3G17G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC3G17G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC3G17G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC3G17G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC3G17
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R126-042.A
TRIPLE SCHMITT-TRIGGER
BUFFER
DESCRIPTION
The U74LVC3G17 is designed as three independent buffers with
Schmitt-trigger action. it may have different input threshold levels for
positive-going (VT+) and negative-going (VT−) signals.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Wide supply voltage range from 1.65V to 5.5V
* Inputs accept voltages up to 5.5V
* IOFF supports partial-power-down mode
* Low static power consumption; ICC=10μA (Max.)
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC3G17G-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - U74LVC3G17G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC3G14G-S08-R UTC-U74LVC3G14G-S08-R Datasheet
203Kb / 5P
Low static power consumption
More results

Similar Description - U74LVC3G17G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G74G-S08-R UTC-U74AHC1G74G-S08-R Datasheet
195Kb / 5P
Low static power consumption
U74AHC2G126G-P08-R UTC-U74AHC2G126G-P08-R Datasheet
172Kb / 5P
Low static power consumption
U74AUP1G04G-AE5-R UTC-U74AUP1G04G-AE5-R Datasheet
207Kb / 5P
Low static power consumption
U74HC73G-S14-R UTC-U74HC73G-S14-R Datasheet
178Kb / 6P
Low static power consumption
U74HC590G-S16-R UTC-U74HC590G-S16-R Datasheet
290Kb / 8P
Low static power consumption
U74HCT73G-S14-R UTC-U74HCT73G-S14-R Datasheet
174Kb / 6P
Low static power consumption
U74LVC1G240G-AL5-R UTC-U74LVC1G240G-AL5-R Datasheet
189Kb / 5P
Low static power consumption
U74LVC3G06G-S08-R UTC-U74LVC3G06G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G07G-S08-R UTC-U74LVC3G07G-S08-R Datasheet
208Kb / 5P
Low static power consumption
U74LVC3G14G-S08-R UTC-U74LVC3G14G-S08-R Datasheet
203Kb / 5P
Low static power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com