Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2702 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2702
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2702 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2702 Datasheet HTML 1Page - Texas Instruments TLV2702 Datasheet HTML 2Page - Texas Instruments TLV2702 Datasheet HTML 3Page - Texas Instruments TLV2702 Datasheet HTML 4Page - Texas Instruments TLV2702 Datasheet HTML 5Page - Texas Instruments TLV2702 Datasheet HTML 6Page - Texas Instruments TLV2702 Datasheet HTML 7Page - Texas Instruments TLV2702 Datasheet HTML 8Page - Texas Instruments TLV2702 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND
PUSH-PULL COMPARATORS
1
www.ti.com
FEATURES
D Micro-Power Operation ... 1.4 µA
D Input Common-Mode Range Exceeds the
Rails ... –0.1 V to VCC + 5 V
D Supply Voltage Range ... 2.5 V to 16 V
D Rail-to-Rail Input/Output (Amplifier)
D Reverse Battery Protection Up to 18 V
D Gain Bandwidth Product ... 5.5 kHz
(Amplifier)
D Push-Pull CMOS Output Stage (Comparator)
D Specified Temperature Range
– TA = –40°C to 125°C ... Industrial Grade
D Ultrasmall Packaging
– 8-Pin MSOP (TLV2702)
D Universal Op-Amp EVM (See the SLOU060 For
More Information)
APPLICATIONS
D Portable Battery Monitoring
D Consumer Medical Electronics
D Security Detection Systems
DESCRIPTION
The TLV270x combines sub-micropower operational
amplifier and comparator into a single package that
produces excellent micropower signal conditioning with
only 1.4
µA of supply current. This combination gives
the designer more board space and reduces part counts
in systems that require an operational amplifier and
comparator. The low supply current makes it an ideal
choice for battery powered portable applications where
quiescent current is the primary concern. Reverse
battery protection guards the amplifier from an
over-current
condition
due
to
improper
battery
installation. For harsh environments, the inputs can be
taken 5 V above the positive supply rail without damage
to the device.
The TLV270x’s low supply current is coupled with
extremely low input bias currents enabling them to be
used with mega-ohm resistors making them ideal for
portable, long active life, applications. DC accuracy is
ensured with a low typical offset voltage as low as
390
µV, CMRR of 90 dB, and minimum open loop gain
of 130 V/mV at 2.7 V.
The maximum recommended supply voltage is as high
as 16 V and ensured operation down to 2.5 V, with
electrical characteristics specified at 2.7 V, 5 V, and
15 V. The 2.5-V operation makes it compatible with
Li-Ion battery-powered systems and many micro-power
microcontrollers available today including TI’s MSP430.
All members are available in PDIP and SOIC with the
duals, one op-amp and one comparator, in the small
MSOP package and quads, two operational amplifiers
and two comparators, in the TSSOP package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
+
2.5
0
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
0.5
1
1.5
2
2
4
6
8
10
12
14
16
Op Amp
VI = VCC/2
Comparator
VID = –1 V
TA = 25°C
2.25
1.75
1.25
0.75
0.25


Similar Part No. - TLV2702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI1-TLV2702 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI2-TLV2702 Datasheet
524Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
REVISED AUGUST 2001
TLV2702ID TI1-TLV2702ID Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702ID TI2-TLV2702ID Datasheet
524Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
REVISED AUGUST 2001
More results

Similar Description - TLV2702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2302 TI-TLV2302 Datasheet
396Kb / 22P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com