Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4810LD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4810LD
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4810LD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4810LD Datasheet HTML 10Page - National Semiconductor (TI) LM4810LD Datasheet HTML 11Page - National Semiconductor (TI) LM4810LD Datasheet HTML 12Page - National Semiconductor (TI) LM4810LD Datasheet HTML 13Page - National Semiconductor (TI) LM4810LD Datasheet HTML 14Page - National Semiconductor (TI) LM4810LD Datasheet HTML 15Page - National Semiconductor (TI) LM4810LD Datasheet HTML 16Page - National Semiconductor (TI) LM4810LD Datasheet HTML 17Page - National Semiconductor (TI) LM4810LD Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Information (Continued)
A
V. With a closed-loop gain of 1.5 and fH = 100kHz, the
resulting GBWP = 150kHz which is much smaller than the
LM4810’s GBWP of 900kHz. This figure displays that if a
designer has a need to design an amplifier with a higher
gain, the LM4810 can still be used without running into
bandwidth limitations.
Demonstration Board Schematic
20008959
FIGURE 2. LM4810 Demonstration Board Schematic
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com