Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM505 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 2 Page - Texas Instruments

  DM505 Datasheet HTML 1Page - Texas Instruments DM505 Datasheet HTML 2Page - Texas Instruments DM505 Datasheet HTML 3Page - Texas Instruments DM505 Datasheet HTML 4Page - Texas Instruments DM505 Datasheet HTML 5Page - Texas Instruments DM505 Datasheet HTML 6Page - Texas Instruments DM505 Datasheet HTML 7Page - Texas Instruments DM505 Datasheet HTML 8Page - Texas Instruments DM505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 286 page
background image
2
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
•
Drones
•
Robotics
•
Industrial Transportation (Forklift, Rail, Agriculture)
•
Factory and Building Automation cameras
1.3
Description
The DM50x processor is a highly optimized and scalable family of devices for Vision Analytics and
Machine Vision processing in Industrial products. The family enables sophisticated embedded vision
processing by integrating an optimal mix of real time performance, low power, small form factor and
camera processing for systems to interact in new, more intelligent and useful ways with the physical world
and the people in it.
The DM50x processors incorporates a heterogeneous, scalable architecture that includes up to two of TI’s
fixed plus floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision
AccelerationPac (EVE), and dual-Cortex-M4 processors. The device allows low power profile in different
package options (including Package-On-Package) to enable small form factor designs. The DM50x also
integrates a host of peripherals including multi-camera interfaces (both parallel and serial) for LVDS-based
surround view systems, displays and GigB Ethernet AVB.
Additionally, TI provides a complete set of development tools for the ARM, and DSP, including C
compilers with TI RTOS and Application framework to accelerate time to market.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
DM50x
S-PBGA (367)
15.0 mm x 15.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com