Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2 Datasheet(PDF) 6 Page - Kemet Corporation

Part # UB2
Description  Electronic switching systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

UB2 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button UB2 Datasheet HTML 2Page - Kemet Corporation UB2 Datasheet HTML 3Page - Kemet Corporation UB2 Datasheet HTML 4Page - Kemet Corporation UB2 Datasheet HTML 5Page - Kemet Corporation UB2 Datasheet HTML 6Page - Kemet Corporation UB2 Datasheet HTML 7Page - Kemet Corporation UB2 Datasheet HTML 8Page - Kemet Corporation UB2 Datasheet HTML 9Page - Kemet Corporation UB2 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7004_UA2_UB2 • 2/27/2014
Miniature Signal Relays – UA2/UB2 Series
Soldering Process
UA2 – Through-hole Mounting
Automatic Soldering
Preheating: 110–120°C / 110 seconds (maximum)
Solder temperature: 260°C maximum
Solder time: 5 seconds maximum
Note: KEMET recommends cooling down a printed circuit board to less than 110°C within 40 seconds after soldering.
Manual Soldering
Solder temperature: 350°C maximum
Solder time: 3 seconds maximum
UB2 – Surface Mounting
Note:
Temperatureprofileshowsprintedcircuitboardsurfacetemperatureontherelayterminalportion.
PleaseconsultKEMETifyouwishtouseatemperatureprofileotherthanabove.
IRS Method
200
180
190 (Maximum 300)
45 (Maximum 70)
70 (Maximum 120)
220
200
180
Temperature
(˚C)
220
Maximum 240˚C
Time (seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com