Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS460RHRT Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RHRT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RHRT Datasheet(HTML) 33 Page - Texas Instruments

Back Button HD3SS460RHRT Datasheet HTML 29Page - Texas Instruments HD3SS460RHRT Datasheet HTML 30Page - Texas Instruments HD3SS460RHRT Datasheet HTML 31Page - Texas Instruments HD3SS460RHRT Datasheet HTML 32Page - Texas Instruments HD3SS460RHRT Datasheet HTML 33Page - Texas Instruments HD3SS460RHRT Datasheet HTML 34Page - Texas Instruments HD3SS460RHRT Datasheet HTML 35Page - Texas Instruments HD3SS460RHRT Datasheet HTML 36Page - Texas Instruments HD3SS460RHRT Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(3.2)
FULL R
TYP
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
30X (0.2)
30X (0.5)
(
) TYP
VIA
0.2
26X (0.4)
(4.4)
(2.4)
(1.2)
TYP
(1.2)
(0.7) TYP
(R
) TYP
0.05
4X (0.2)
WQFN - 0.8 mm max height
RNH0030A
PLASTIC QUAD FLATPACK - NO LEAD
4221819/A 04/2015
SYMM
1
10
11
15
16
25
26
30
SYMM
LAND PATTERN EXAMPLE
SCALE:18X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com