Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS460RNHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS460RNHT
Description  4 x 6 Channels USB Type-C Alternate Mode MUX
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS460RNHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button HD3SS460RNHT Datasheet HTML 17Page - Texas Instruments HD3SS460RNHT Datasheet HTML 18Page - Texas Instruments HD3SS460RNHT Datasheet HTML 19Page - Texas Instruments HD3SS460RNHT Datasheet HTML 20Page - Texas Instruments HD3SS460RNHT Datasheet HTML 21Page - Texas Instruments HD3SS460RNHT Datasheet HTML 22Page - Texas Instruments HD3SS460RNHT Datasheet HTML 23Page - Texas Instruments HD3SS460RNHT Datasheet HTML 24Page - Texas Instruments HD3SS460RNHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
NOTE: ALL DIFF PAIRS ARE
ROUTED 85 TO 90 OHMS
DIFFERENTIAL AND 50 OHMS
COMMON MODE. ALL OTHER
TRACES ARE 50 OHM.
Connect to
Type C SSTX/RX
pins
Connect to
Type C SBU
pins
Connect to USB
Host/Hub SS TX/RX
pairs
ML0..ML3:
Connect to
DP Source
MainLink
lanes
Connect to
DP Source
AUX
Channels
Connect to control
logic to select
swtich
configuration(i.e. CC
control logic)
AC Coupling caps to
accomodate higher Vcm
on some USB devices
CRX1N
CRX1P
CRX2P
CRX2N
USB3_RX0P
USB3_TX0P
USB3_TX0N
USB3_RX0N
CSBU2
CSBU1
ML0N
ML0P
ML1P
ML1N
ML2P
ML2N
ML3P
ML3N
POL
AMSEL
EN
CTX1N
CTX1P
CTX2N
CTX2P
SBU1
SBU2
3P3V
3P3V
C51
0.1uF
R6
10K
C50 0.1uF
C49
0.1uF
C3
0.1uF
HD3SS460
U2
POL
AMSEL
SBU1
SBU2
LNAN
LNAP
EN
LNBN
LNBP
LNCN
LNCP
LNDN
LNDP
SSTXN
SSTXP
SSRXN
SSRXP
CRX1P
CRX1N
CTX1P
CTX1N
CTX2P
CTX2N
CRX2P
CRX2N
CSBU1
CSBU2
R188
10K
C48
0.1uF
Copyright © 2017, Texas Instruments Incorporated
ESD Components
Place in pass through manner with no stub
CTX1N
CTX1P
CRX2N
CRX1N
CRX1P
CTX2P
CTX2N
CRX2P
U12
U8
9
8
7
6
10
13
12
11
8
14
9
8
7
6
10
2
3
4
5
1
D2+
GND
D1
D2-
D1-
D2+
D1
D2-
D1-
NC1
GND
NC6
NC6
GND
NC10
NC9
NC7
TPD6E05U06
TPD4E05U06
U9
2
3
4
5
1
9
10
2
3
4
7
1
6
5
CSBU2
GND
NC10
NC9
NC7
NC2
GND
NC3
D3-
D1+
D2-
GND
D1-
D2+
D3+
NC5
NC4
TPD4E05U06
NC6
CC1
CC2
USB2_P0
CSBU1
USB2_N0
Copyright © 2016, Texas Instruments Incorporated
21
HD3SS460
www.ti.com
SLLSEM7D – JANUARY 2015 – REVISED JANUARY 2017
Product Folder Links: HD3SS460
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Figure 15. Schematic Implementations for DP Source/ USB Host (2 of 3)
Figure 16. Schematic Implementations for DP Source/ USB Host (3 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com