Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22933 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22933
Description  Triple-Input Power Multiplexer With Auto-Select and Low Drop-Out Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22933 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22933 Datasheet HTML 9Page - Texas Instruments TPS22933 Datasheet HTML 10Page - Texas Instruments TPS22933 Datasheet HTML 11Page - Texas Instruments TPS22933 Datasheet HTML 12Page - Texas Instruments TPS22933 Datasheet HTML 13Page - Texas Instruments TPS22933 Datasheet HTML 14Page - Texas Instruments TPS22933 Datasheet HTML 15Page - Texas Instruments TPS22933 Datasheet HTML 16Page - Texas Instruments TPS22933 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS22933A
USB Port
DC Input
MSP430C3xx
µC
Switched
Load
Battery
USB
DC_IN
BAT
LOUT
EN
VOUT
GND
CAP
TPS22933A
USB Port
DC Input
Battery
USB
DC_IN
BAT
LOUT
EN
VOUT
GND
CAP
Power
Multiplexer
Output
TPS22933
www.ti.com
SLVSB34A – OCTOBER 2011 – REVISED JUNE 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 LDO Capacitor (for CAP Pin)
An optional capacitor on the CAP pin helps stabilize the integrated LDO. Take care in capacitor sizing to reduce
inrush currents. The voltage on the CAP pin will follow the highest input. Since the max input voltage is 12 V, the
capacitor voltage rating must be higher than 12 V.
9.1.2 Using the CAP Pin as a Power Output
Figure 17 shows three power inputs multiplexed to source only through the CAP pin. In this case, the LDO
outputs are not used (EN is tied low). The highest of the inputs is chosen to drive the voltage at the CAP pin.
Figure 17. Using the CAP Pin as a Multiplexer Output
9.2 Typical Application
Figure 18 shows three power inputs multiplexed to source the LDO. The LDO always on output (LOUT) is tied to
an MSP430. The MSP430 then determines when to enable the switched output (VOUT) by driving the EN pin.
Figure 18. Application Example
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS22933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com