Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAFL-009593-CD0A10 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-009593-CD0A10
Description  Low Cost, Low Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-009593-CD0A10 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAFL-009593-CD0A10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-009593-CD0A10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-009593-CD0A10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
3
CATV Diplex Filter
5 - 65 / 86 - 1000 MHz
Rev. V3
MAFL-009593-CD0A10
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Input Return Loss
Isolation
Typical Performance Curves
Low Pass Filter Insertion Loss
High Pass Filter Insertion Loss
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency Range
5-65 / 86-1000
MHz
-
-
-
Low Pass Insertion Loss
5-55 MHz
56-65 MHz
dB
-
0.5
0.9
0.8
1.25
High Pass Insertion Loss
86-89 MHz
90-100 MHz
101-1000 MHz
dB
-
1
0.7
0.5
1.25
1.1
0.8
Filter Isolation
5-57 MHz
58-65 MHz
dB
55
53
60
57
-
Filter Isolation
86-104 MHz
105-260 MHz
261-520 MHz
521-1000 MHz
dB
50
52
60
52
55
56
64
57
-
Input Return Loss
5-10 MHz
11-65 MHz
86-290 MHz
291-700 MHz
701-1000 MHz
dB
20
12
12
18
12
23
15
16
20
15
-
Electrical Specifications: TA = 25°C, Z0 = 75Ω
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
1.0010.00100.001000.00
Fr equency (M Hz )
-90. 00
-80. 00
-70. 00
-60. 00
-50. 00
-40. 00
-30. 00
-20. 00
-10. 00
0. 00
10. 00
1. 00
10. 00
100. 00
1000. 00
Fr e que nc y ( M H z )
-90. 00
-80. 00
-70. 00
-60. 00
-50. 00
-40. 00
-30. 00
-20. 00
-10. 00
0. 00
1. 00
10. 00
100. 00
1000. 00
Fr e que nc y ( M H z )
-80. 00
-70. 00
-60. 00
-50. 00
-40. 00
-30. 00
-20. 00
-10. 00
0. 00
10. 00
1. 00
10. 00
100. 00
1000. 00
Fr e que nc y ( M H z )
dB
dB
dB
dB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com