Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2301 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TSC2301
Description  PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2301 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2301 Datasheet HTML 1Page - Texas Instruments TSC2301 Datasheet HTML 2Page - Texas Instruments TSC2301 Datasheet HTML 3Page - Texas Instruments TSC2301 Datasheet HTML 4Page - Texas Instruments TSC2301 Datasheet HTML 5Page - Texas Instruments TSC2301 Datasheet HTML 6Page - Texas Instruments TSC2301 Datasheet HTML 7Page - Texas Instruments TSC2301 Datasheet HTML 8Page - Texas Instruments TSC2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
FUNCTIONAL BLOCK DIAGRAM
TSC2301
SLAS371D – SEPTEMBER 2002 – REVISED AUGUST 2004
PROGRAMMABLE TOUCH SCREEN CONTROLLER
WITH STEREO AUDIO CODEC
•
SPI™ Serial Interface
•
Personal Digital Assistants
•
Touch Screen Controller
•
Cellular Phones
– 4-Wire Touch Screen Interface
•
MP3 Players
– Internal Detection of Screen Touch and
•
Internet Appliances
Keypad Press
•
Smartphones
– Touch Pressure Measurement
– Ratiometric Conversion
– Programmable 8-, 10- or 12-Bit Resolution
The TSC2301 is a highly integrated PDA analog
– Programmable Sampling Rates Up to 125
interface circuit. It contains a complete 12-bit A/D
kHz
resistive touch screen converter (ADC) including
drivers,
touch
pressure
measurement
capability,
– Direct Battery Measurement (0 to 6 V)
keypad controller, and 8-bit D/A converter (DAC)
– On-Chip Temperature Measurement
output for LCD contrast control. The TSC2301 offers
– 4-by-4 Keypad Interface With
programmable resolution of 8, 10, and 12 bits and
Programmable De-Bounce and Key
sampling rates up to 125 kHz to accommodate
Masking
different screen sizes. The TSC2301 interfaces to the
– Integrated Touch Screen Processor
host
controller
through
a
standard
SPI
serial
Reduces Host CPU Interrupts and Overhead
interface.
– Internal Timing Control With Programmable
The TSC2301 features a high-performance 20-bit,
Delays and Averaging
48-ksps stereo audio codec with highly integrated
•
Stereo Audio Codec
analog
functionality.
The
audio
portion
of
the
– 20-Bit Delta-Sigma ADC/DAC
TSC2301 contains microphone input with built-in
pre-amp and microphone bias circuit, an auxiliary
– Dynamic Range: 98 dB
stereo analog input, a stereo line-level output, a
– Sampling Rate Up to 48 kHz
differential mono line-level output, and a stereo
– I2S Serial Interface
headphone amplifier output. The digital audio data is
– Stereo 16-
Ω Headphone Driver
transferred through a standard I2S interface. A fully
•
Full Power-Down Control
programmable PLL for generating audio clocks from a
wide variety of system clocks is also included.
•
8-Bit Current Output DAC
•
On-Chip Crystal Oscillator
The TSC2301 also offers two battery measurement
inputs capable of battery voltages up to 6 V, while
•
Programmable Bass/ Midrange/ Treble EQ
operating at a supply voltage of only 2.7 V. It also has
Effects Processing
an on-chip temperature sensor capable of reading
•
6 GPIO Pins
0.3°C resolution. The TSC2301 is available in 64-lead
•
Single 2.7-V to 3.6-V Supply
TQFP, and 120-ball VFBGA packages.
•
64-Pin TQFP Package
US Patent No. 6246394
•
120-Ball MicroStar Junior™ BGA Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments.
SPI is a trademark of Motorola.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2301 TI1-TSC2301 Datasheet
1Mb / 94P
PROGRAMMABLE TOUCH SCREEN CONTROLLER
TSC2301 TI2-TSC2301 Datasheet
1Mb / 95P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
REVISED AUGUST 2004
TSC2301I TI2-TSC2301I Datasheet
1Mb / 95P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
REVISED AUGUST 2004
TSC2301IGQZ TI2-TSC2301IGQZ Datasheet
1Mb / 95P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
REVISED AUGUST 2004
TSC2301IGQZR TI2-TSC2301IGQZR Datasheet
1Mb / 95P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
REVISED AUGUST 2004
More results

Similar Description - TSC2301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
Audio Codec with Touch Screen Controller
AK4673 AKM-AK4673 Datasheet
1Mb / 107P
Stereo CODEC with MIC/HP-AMP and Touch Screen Controller
logo
Texas Instruments
TSC2100 TI1-TSC2100_16 Datasheet
1Mb / 77P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
PROGRAMMABLE TOUCH SCREEN CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com