Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4830 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4830
Description  Two-Way Audio Amplification System with Volume Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4830 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4830 Datasheet HTML 6Page - National Semiconductor (TI) LM4830 Datasheet HTML 7Page - National Semiconductor (TI) LM4830 Datasheet HTML 8Page - National Semiconductor (TI) LM4830 Datasheet HTML 9Page - National Semiconductor (TI) LM4830 Datasheet HTML 10Page - National Semiconductor (TI) LM4830 Datasheet HTML 11Page - National Semiconductor (TI) LM4830 Datasheet HTML 12Page - National Semiconductor (TI) LM4830 Datasheet HTML 13Page - National Semiconductor (TI) LM4830 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information (Continued)
This feature is especially useful when the IC is used in por-
table battery operated systems where energy conservation
is imperative.
In many applications, a microcontroller or microprocessor
output interfaces to the LM4830 shutdown pin, providing a
quick, smooth transition into shutdown. Another solution is to
use a single-pole, single-throw switch in conjunction with an
external pull-up resistor. When the switch is closed, the shut-
down pin is connected to ground and enables the amplifier. If
the switch is open, the external pull-up resistor disables the
LM4830 by bringing the shutdown pin up to V
DD. This
scheme guarantees that the shutdown pin will not float, pre-
venting unwanted state changes.
Additionally, when the IC comes out of shutdown the IC’s
volume attenuation setting will remain unchanged.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com