Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD6501D Datasheet(PDF) 21 Page - Microchip Technology

Part # MTD6501D
Description  12V 3-Phase BLDC Sensorless Fan Controller Daughter Board
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTD6501D Datasheet(HTML) 21 Page - Microchip Technology

Back Button MTD6501D_17 Datasheet HTML 14Page - Microchip Technology MTD6501D_17 Datasheet HTML 15Page - Microchip Technology MTD6501D_17 Datasheet HTML 16Page - Microchip Technology MTD6501D_17 Datasheet HTML 17Page - Microchip Technology MTD6501D_17 Datasheet HTML 18Page - Microchip Technology MTD6501D_17 Datasheet HTML 19Page - Microchip Technology MTD6501D_17 Datasheet HTML 20Page - Microchip Technology MTD6501D_17 Datasheet HTML 21Page - Microchip Technology MTD6501D_17 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MTD6501D 12V 3-PHASE BLDC SENSORLESS
FAN CONTROLLER DAUGHTER BOARD
USER’S GUIDE
 2016 Microchip Technology Inc.
DS50002481A-page 21
Appendix B. Bill of Materials (BOM)
TABLE B-1:
BILL OF MATERIALS (BOM) - MTD6501D DAUGHTER BOARD (ADM00533)
Qty
Reference
Description
Manufacturer
Part Number
1
C1
Capacitor ceramic 1 µF 16V 10% X7R SMD 0603
Taiyo Yuden Co.,
Ltd.
EMK107B7105KA-T
1
C2
Capacitor ceramic 1 µF 10V 20% X7R SMD 0603
TDK Corporation
C1608X7R1A105M
1
J1
Connector Header-2.54 Male 1x3 Tin 6.2 MH TH
R/A
Molex®
0022288030
1
J4
Connector Header-2.54 Male 1x5 Gold 5.84 MH
TH vertical
Samtec, Inc.
TSW-105-07-S-S
1
J5
Connector Header-2.54 Male 1x6 Gold 5.84 MH
TH vertical
FCI
68001-106HLF
1
PCB1
Printed Circuit Board
—
04-10432
1
R1
Resistor TKF 10k 1% 1/16W SMD 0603
SPC Technology
MCHP03W8F1002T5E
1
U1
Microchip Analog Motor Driver MTD6501D-HC1
SOP-8
Microchip
Technology, Inc.
MTD6501D-HC1
Note 1:
The components listed in this Bill of Materials are representative of the PCB assembly. The
released BOM used in manufacturing uses all RoHS-compliant components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com