Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECM40US05 Datasheet(PDF) 13 Page - XP Power Limited

Part # ECM40US05
Description  Full Load Available Convection Cooled
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM40US05 Datasheet(HTML) 13 Page - XP Power Limited

Back Button ECM40US05 Datasheet HTML 9Page - XP Power Limited ECM40US05 Datasheet HTML 10Page - XP Power Limited ECM40US05 Datasheet HTML 11Page - XP Power Limited ECM40US05 Datasheet HTML 12Page - XP Power Limited ECM40US05 Datasheet HTML 13Page - XP Power Limited ECM40US05 Datasheet HTML 14Page - XP Power Limited ECM40US05 Datasheet HTML 15Page - XP Power Limited ECM40US05 Datasheet HTML 16Page - XP Power Limited ECM40US05 Datasheet HTML 17Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ECM100 Series
•
100 Watt Models
•
Small Size 2.5” x 4.5” x 1.2”
•
Low Leakage Current
•
Industrial & Medical Approvals
•
Convection & Force Cooled Ratings
•
Wide Operating Temperature 0 °C to +70 °C
•
Level B Conducted Emissions
•
EN61000 Compliant
•
Universal AC Input 90-264 VAC
•
Input Frequency 47-63 & 440 Hz
•
Cover Kits Available
•
Mating Connector & Cable Harness Kits Available
Approved for Class I and Class II applications, the ECM100 range of single output AC-DC, 100 W power supplies from XP feature the
world's smallest footprint for units of these ratings. Size is just 2.5" x 4.5" (63.5 mm x 114.3 mm) and 1.2" (30.48 mm) high.
Furthermore, these high-density power supplies meet EN55022 Level B conducted emissions with maximum leakage currents of
125 μA at 115 VAC or 210 μA at 230 VAC. As a result, these switchers are equally suitable for industrial, IT and medical applications,
with no price premium for meeting medical requirements.
The ECM100 series have single output versions from 3.3 V to 48 VDC, adjustable by ±10%. They are dual-fused for compliance with
IEC60601-1 and efficiency is 80-85%, depending upon the model, so minimal excess heat is generated.
The power supplies deliver full power between 0 °C and +50 °C and will operate at up to +70 °C with derating and only 5 CFM
of cooling. Comprehensive overvoltage, overload and short circuit protection is built in. Covers, cable harnesses and connector kits
are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com