Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC257G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC257G-S16-R
Description  Partial-Power-Down Mode Operation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC257G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC257G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74LVC257G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74LVC257G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74LVC257G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74LVC257G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74LVC257G-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74LVC257
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R126-034.A
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Supply Current
ICC
VCC=3.6V, VIN=VCC or GND,
IOUT=0A
10
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=2.7V~3.6V, One input at
VCC-0.6V, Other inputs at VCC or
GND
500
μA
Input Capacitance
CI
VCC= 3.3V, VIN= VCC or GND
5.0
pF
Output Capacitance
CO
VCC= 3.3V, VIN= VCC or GND
5.0
pF
SWITCHING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V
1
13.5
ns
CL=30pF
VCC=2.5V±0.2V
1
7.4
ns
VCC=2.7V
1
5.4
ns
Propagation delay from input
(A or B) to output(Y)
tPD
CL=50pF
VCC=3.3V±0.3V
1
4.6
ns
VCC=1.8V±0.15V
1
15.6
ns
CL=30pF
VCC=2.5V±0.2V
1
9.5
ns
VCC=2.7V
1
7.5
ns
Propagation delay from input
( A/ B ) to output(Y)
ten
CL=50pF
VCC=3.3V±0.3V
1
6.4
ns
VCC=1.8V±0.15V
1
14.6
ns
CL=30pF
VCC=2.5V±0.2V
1
8.7
ns
VCC=2.7V
1
6.7
ns
Propagation delay from input
( OE ) to output(Y)
ten
CL=50pF
VCC=3.3V±0.3V
1
5.6
ns
VCC=1.8V±0.15V
1
15.4
ns
CL=30pF
VCC=2.5V±0.2V
1
6.7
ns
VCC=2.7V
1
4.7
ns
Propagation delay from input
( OE ) to output(Y)
tdis
CL=50pF
VCC=3.3V±0.3V
1
4.3
ns
OPERATING CHARACTERISTICS (f=10MHZ, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V
13.5
pF
VCC=2.5V±0.2V
14.5
pF
Power Dissipation
Capacitance
CPD
VCC=3.3V±0.3V
15.5
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com