Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL Datasheet(PDF) 2 Page - XP Power Limited

Part # LCL
Description  SIngle Output Industrial Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

LCL Datasheet(HTML) 2 Page - XP Power Limited

  LCL Datasheet HTML 1Page - XP Power Limited LCL Datasheet HTML 2Page - XP Power Limited LCL Datasheet HTML 3Page - XP Power Limited LCL Datasheet HTML 4Page - XP Power Limited LCL Datasheet HTML 5Page - XP Power Limited LCL Datasheet HTML 6Page - XP Power Limited LCL Datasheet HTML 7Page - XP Power Limited LCL Datasheet HTML 8Page - XP Power Limited LCL Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Figure 1
xppower.com
2
Input Characteristics
Input Derating Curve
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
85
264
VAC
Derate output power < 90 VAC. See fig. 1.
Input Frequency
47
63
Hz
Power Factor
>0.9
EN61000-3-2 class A compliant
LCL150: EN61000-3-2 class C for loads ≥40%
LCL300 & LCL500: EN61000-3-2 class C for
loads ≥40%
Input Current - Full Load
2.1
A
LCL150 at 90 VAC
4.5
LCL300 at 90 VAC
6.6
LCL500 at 90 VAC
Inrush Current
50
A
LCL150, 230 VAC, cold start 25 ˚C
60
LCL300 & LCL500, 230 VAC, cold start 25 ˚C
Earth Leakage Current
<2
mA
264 VAC/60 Hz
Input Protection
T3.15 A/250 V internal in-line fuse
LCL150
T6.3 A/250 V internal in-line fuse
LCL300
T10 A/250 V internal in-line fuse
LCL500
Models and Ratings
85
90
90
0
100
264
Input Voltage (VAC)
Output Power
Output Voltage
Trim Range
Output Current
Ripple & Noise(1)
Model Number
150 W
12.0 V
11.0-13.0 V
12.5 A
100 mV pk-pk
LCL150PS12
13.5 V
12.5-14.5 V
11.1 A
100 mV pk-pk
LCL150PS13
15.0 V
14.0-16.0 V
10.0 A
100 mV pk-pk
LCL150PS15
24.0 V
23.0-25.0 V
6.3 A
150 mV pk-pk
LCL150PS24
27.0 V
26.0-28.0 V
5.6 A
150 mV pk-pk
LCL150PS27
48.0 V
47.0-49.0 V
3.1 A
250 mV pk-pk
LCL150PS48
300 W
12.0 V
11.0-13.0 V
25.0 A
150 mV pk-pk
LCL300PS12
13.5 V
12.5-14.5 V
22.0 A
150 mV pk-pk
LCL300PS13
15.0 V
14.0-16.0 V
20.0 A
150 mV pk-pk
LCL300PS15
310 W
24.0 V
23.0-25.0 V
13.0 A
150 mV pk-pk
LCL300PS24
315 W
27.0 V
26.0-28.0 V
11.7 A
200 mV pk-pk
LCL300PS27
320 W
48.0 V
47.0-49.0 V
6.70 A
240 mV pk-pk
LCL300PS48
500 W
12.0 V
11.0-13.0 V
42.0 A
120 mV pk-pk
LCL500PS12
13.5 V
12.5-14.5 V
37.0 A
150 mV pk-pk
LCL500PS13
15.0 V
14.0-16.0 V
34.0 A
150 mV pk-pk
LCL500PS15
24.0 V
23.0-25.0 V
21.0 A
150 mV pk-pk
LCL500PS24
27.0 V
26.0-28.0 V
18.5 A
150 mV pk-pk
LCL500PS27
48.0 V
47.0-49.0 V
10.5 A
240 mV pk-pk
LCL500PS48
1. Measured with 20 MHz bandwidth.
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com