Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-000932 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000932
Description  Exceptional Broadband Performance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000932 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-000932 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000932 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000932 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000932 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000932 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000932 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-000932 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HMICTM PIN Diode SPDT 80 Watt Switch for
0.01 - 4.0 GHz Higher Power Applications
Rev. V1
MASW-000932
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
100 mA / 28V Conditions
Units
Min.
Typ.
Max.
Insertion Loss3, RX
Pin= 0 dBm
RX, 2.0 GHz
TX, 2.0 GHz
RX, 2.7 GHz
TX, 2.7 GHz
RX, 3.5 GHz
TX, 3.5 GHz
dB
.60
.25
.72
.35
.80
.45
.80
.90
.95
Isolation3
Pin= 0 dBm
RX to Antenna, 2.0 GHz
TX to Antenna, 2.0 GHz
RX to Antenna, 2.7 GHz
TX to Antenna, 2.7 GHz
RX to Antenna, 3.5 GHz
TX to Antenna, 3.5 GHz
dB
40.0
39.0
34.0
43.0
14.0
41.5
12.0
35.0
10.0
Input Return Loss3
Pin= 0 dBm
RX
TX
dB
34
17
TX Input P0.1dB
TX to Antenna
dBm
49
TX 2
nd Harmonic
Pin = + 30 dBm
dBc
80
TX 3
rd Harmonic
Pin = + 30 dBm
dBc
95
TX IIP3
Pin = +10 dBm, F1 = 2010 MHz, F2 = 2020 MHz
dBm
72
TX C.W. Input Power
25°C Base plate, 2.01 GHz
dBm
W
49
80
TX C.W. Input Power
85°C Base plate, 2.01 GHz
dBm
W
46.5
45
RX C.W. Input Power
dBm
W
41.5
14
TX RF Switching Speed
( 10-90% RF Voltage)
1 MHz Rep Rate in Modulating Mode
ns
200
Electrical Specifications3: Freq. = 2.0, 2.7, 3.5 GHz, TA = 25°C, Bias = 100 mA / 28 V
3. See Bias Table
Absolute Maximum Ratings 4,5
@ TA = +25 °C (unless otherwise specified)
Parameter
Absolute Maximum
Forward Current
125 mA
Reverse Voltage ( RF & D.C. )
-200 V
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-55 °C to +150 °C
Junction Temperature
+175 °C
TX Incident C.W. Power
80 W (49 dBm) 6
@ 2010MHz
TX Peak Incident Power
>2000 W, 5 µs, 1% duty7
4. Exceeding these limits may cause permanent damage.
5. M/A-COM Technology Solutions does not recommend sustained
operation near these survivability limits.
6. Baseplate temperature must be controlled to a constant +25°C.
7. This rating is guaranteed if the RF ports are terminated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com