Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT10170 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAT10170
Description  Attenuator DIE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAT10170 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAT10170 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAT10170 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAT10170 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Attenuator DIE
DC - 40 GHz
Rev. V3
MAT10xxx Series
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C
Part Number
Attenuation (dB)
Insertion Loss (dB)
Return Loss (dB)
MAT10060
6
+/-0.35
>18
MAT10070
7
+/-0.35
>18
MAT10080
8
+/-0.35
>18
MAT10090
9
+/-0.35
>18
MAT10100
10
+/-0.35
>18
MAT10110
11
+/-0.40
>18
MAT10120
12
+/-0.40
>18
MAT10130
13
+/-0.40
>18
MAT10140
14
+/-0.40
>18
MAT10150
15
+/-0.40
>18
MAT10160
16
+/-0.50
>18
MAT10170
17
+/-0.50
>18
MAT10180
18
+/-0.50
>18
MAT10190
19
+/-0.50
>18
MAT10200
20
+/-0.50
>18
MAT10210
21
+/-0.60
>18
MAT10220
22
+/-0.60
>18
MAT10230
23
+/-0.60
>18
MAT10240
24
+/-0.60
>18
MAT10250
25
+/-0.60
>18
MAT10260
26
+/-1.00
>18
MAT10270
27
+/-1.00
>18
MAT10280
28
+/-1.00
>18
MAT10290
29
+/-1.00
>18
MAT10300
30
+/-1.00
>18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com