Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V6340FSP3B Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # V6340FSP3B
Description  Ultra Low Cost 3-Pin Microprocessor Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V6340FSP3B Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  V6340FSP3B Datasheet HTML 1Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 2Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 3Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 4Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 5Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 6Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 7Page - EM Microelectronic - MARIN SA V6340FSP3B Datasheet HTML 8Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
V6340
Copyright © 2005, EM Microelectronic-Marin SA
03/06 – rev.K
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Voltage at VDD to VSS
VDD
-0.3V to +8V
Minimum voltage at RES or
RES
Vmin
VSS – 0.3V
Maximum voltage at RES or
RES
Vmax
VDD + 0.3V
Storage Temperature Range
TSTO
-65°C to +150°C
Table 1
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, it is advised that normal
precautions be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur
when all terminal voltages are kept within the voltage range.
Operating Conditions
Parameter
Symbol Min
Max
Unit
Operating Temperature
1)
TA
-40
+125
°C
Positive Supply Voltage
2)
VDD
1
5.5
V
Table 2
1)The maximum operating temperature is confirmed by
sampling at initial device qualification. In production, all
devices are tested at +25°C
2) VDD = 1V guaranteed at +25°C (see Fig. 14 for more
information)
Electrical Characteristics
TA = +25°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply current
IDD
VDD = 5V, output open
38
50
µA
Threshold voltage
VTH
C, I, O
2.94
3.02
3.10
V
VTH
D, J, P
3.62
3.72
3.82
V
VTH
F, L, R
4.27
4.39
4.51
V
Threshold hysteresis
VHYS
5
mV
RES Output Low Level
VOL
VDD = 1.6V, IOL = 1mA
200
270
mV
VOL
VDD = 2.5V, IOL = 2mA
195
250
mV
VOL
VDD = 3.5V, IOL = 3mA
198
250
mV
VOL
VDD = 5V, IOL = 4mA
185
250
mV
RES Output High Level
VOH
VDD = 1.6V, IOH = -1mA
1.25
1.36
V
VOH
VDD = 2.5V, IOH = -1.5mA
2.2
2.3
V
VOH
VDD = 3.5V, IOH = -2.5mA
3.15
3.27
V
VOH
VDD = 5V, IOH = -3.5mA
4.65
4.76
V
Output leakage current
1)
ILEAK
VDD = 5V
0.005
1
µA
Only for version B, H and N
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply current
IDD
VDD = 5V, output open
19
31
µA
Threshold voltage
VTH
B, H, N
2.56
2.65
2.74
V
Threshold hysteresis
VHYS
32
mV
Table 3
1)
Only for Open drain versions
Timing Waveform
Block Diagram
Voltage
Reference
+
-
RES or
RES
V
SS
V
DD
Fig.3
Fig.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com