Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD700 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MSD700
Description  Step Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSD700 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MSD700 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSD700 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSD700 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSD700 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
3
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Step Recovery Diode
Rev. V1
MSD7xx Series
Absolute Maximum Ratings
Parameter
Absolute Maximum
Junction Temperature
+150°C
Operating Temperature
-55°C to +150°C
Storage Temperature
-65°C to +200°C
Environmental Capabilities
The MSD7xx Series of step recovery diodes are
capable of meeting the environmental requirements
of MIL-STD-750 and MIL-STD-883.
ESD & Moisture Sensitivity Level Rating
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD prevention proce-
dures should be followed. The ESD rating for this
device is Class 0 (HBM).
Assembly Instructions
Die attach of the MSD7xx SRD chip diodes may be
accomplished with eutectic solders, such as
80 Au / 20 Sn, or conductive epoxy. The leads of the
beam lead device may be attached to a hybrid circuit
using thermo compression bonding or conductive
epoxy.
Electrical Specifications @ TA = 25°C:
Voltage Breakdown (VB) = 15 V min. @ 10 µA
Lifetime (TL) = 8 ns min. and Transition Time (TT) = 60 ps max. @ IF 6 mA / IR 10 mA
Junction Capacitance (CJ)
@ 6 V, 1 MHz
Series Resistance (RS)
@ 25 mA
Thermal Resistance (θJC)
Pulsed
Model
Minimum
Maximum
Maximum
pF
Ω
°C/W
MSD730
0.2 - 0.4
0.80
50
MSD731
0.4 - 0.6
0.60
50
MSD732
0.6 - 0.8
0.50
50
MSD733
0.8 - 1.0
0.40
50
MSD734
1.0 - 1.4
0.30
50
MSD735
1.4 - 2.0
0.25
40
MSD736
2.0 - 3.0
0.20
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com