Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD701 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MSD701
Description  Step Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSD701 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MSD701 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSD701 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSD701 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSD701 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Step Recovery Diode
Rev. V1
MSD7xx Series
Electrical Specifications @ TA = 25°C:
Voltage Breakdown (VB) = 20 V min. @ 10 µA
Lifetime (TL) = 11 ns min. and Transition Time (TT) = 70 ps max. @ IF 6 mA / IR 10 mA
Junction Capacitance (CJ)
@ 6 V, 1 MHz
Series Resistance (RS)
@ 25 mA
Thermal Resistance (θJC)
Pulsed
Model
Minimum
Maximum
Maximum
pF
Ω
°C/W
MSD710
0.2 - 0.4
1.00
100
MSD711
0.4 - 0.6
0.70
75
MSD712
0.6 - 0.8
0.60
75
MSD713
0.8 - 1.0
0.50
75
MSD714
1.0 - 1.4
0.40
75
MSD715
1.4 - 2.0
0.30
60
MSD716
2.0 - 3.0
0.25
60
Electrical Specifications @ TA = 25°C:
Voltage Breakdown (VB) = 30 V min. @ 10 µA
Lifetime (TL) = 17 ns min. and Transition Time (TT) = 100 ps max. @ IF 6 mA / IR 10 mA
Junction Capacitance (CJ)
@ 6 V, 1 MHz
Series Resistance (RS)
@ 25 mA
Thermal Resistance (θJC)
Pulsed
Model
Minimum
Maximum
Maximum
pF
Ω
°C/W
MSD720
0.2 - 0.4
0.80
75
MSD721
0.4 - 0.6
0.60
60
MSD722
0.6 - 0.8
0.50
60
MSD723
0.8 - 1.0
0.40
60
MSD724
1.0 - 1.4
0.30
60
MSD725
1.4 - 2.0
0.25
50
MSD726
2.0 - 3.0
0.20
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com