Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD700 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MSD700
Description  Step Recovery Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSD700 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MSD700 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSD700 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSD700 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSD700 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Step Recovery Diode
Rev. V1
MSD700
Features
 Low Transition Time
 High Efficiency
 High Cutoff Frequency
 High Reliability
 RoHS* Compliant
Description
The MSD700 step recovery diode is designed with
epitaxial silicon which provides high output power
and efficiency in harmonic generator applications. It
is manufactured using a proven diode fabrication
process for high reproducibility. A unique silicon
dioxide passivation process assures greater stability
reliability and low leakage currents at high
temperatures.
This diode is available in chip form, and in ceramic
surface mount package with epoxy encapsulation
(CS19-1). The low junction capacitance (0.2 pF
typical) of the MSD700 enables the device to be
used in higher order multipliers and comb generator.
This rugged device is capable of reliable operation in
all military, commercial and industrial applications.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Breakdown Voltage (VB)
IR = 10 µA
V
15
—
—
Series Resistance (RS)
IF = 25 mA
Ω
—
—
1.2
Junction Capacitance (CJ)
VR = 0 V, 1 MHz
VR = -6 V, 1 MHz
pF
—
0.2
0.2
—
—
0.4
Minority Carrier Lifetime (TL)
IF = 6 mA, IR = 10 mA
ns
—
8
—
Transition Time (TT)
IF = 10 mA, VR = 10 V
ps
—
60
—
Thermal Resistance (θJC)
—
°C/W
—
—
125
Absolute Maximum Ratings
Parameter
Absolute Maximum
Reverse DC Voltage
15 V
Junction Temperature
+150°C
Operating Temperature
-55°C to +150°C
Storage Temperature
-65°C to +200°C
Ordering Information
Part Number
Package
MSD700-C11-W
400 piece waffle pack
MSD700-C19-1-W
100 piece waffle pack
MSD700-C19-1-R
3000 piece reel


Similar Part No. - MSD700

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSD700 MA-COM-MSD700 Datasheet
526Kb / 4P
Step Recovery Diode
More results

Similar Description - MSD700

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
5082-0800 ASI-5082-0800 Datasheet
13Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008 Datasheet
16Kb / 1P
STEP RECOVERY DIODE CHIP
5082-0310 ASI-5082-0310 Datasheet
17Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0335 ASI-5082-0335 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0810 ASI-5082-0810 Datasheet
19Kb / 1P
SILICON STEP RECOVERY DIODE
DVB4376-99 ASI-DVB4376-99 Datasheet
20Kb / 1P
SILICON STEP RECOVERY DIODE
MA43000 ASI-MA43000 Datasheet
15Kb / 1P
SILICON STEP RECOVERY DIODE
5082-0008 ASI-5082-0008_04 Datasheet
32Kb / 1P
STEP RECOVERY DIODE CHIP
ASRD800 ASI-ASRD800_04 Datasheet
66Kb / 3P
SURFACE MOUNT STEP RECOVERY DIODE
logo
M/A-COM Technology Solu...
MSD7XX MA-COM-MSD7XX Datasheet
526Kb / 4P
Step Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com