Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL74A Datasheet(PDF) 2 Page - Diotech Company.

Part # 2CL74A
Description  FAST RECORECOVERY HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

2CL74A Datasheet(HTML) 2 Page - Diotech Company.

  2CL74A Datasheet HTML 1Page - Diotech Company. 2CL74A Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CL74A THRU 2CL75A
RATINGS AND CHARACTERISTIC CURVES
0
0.5
1.0
1.5
2.0
2.5
Forward Characteristics
0
0.02
0.04
0.06
0.08
0.1
Breakdown Voltage Distribution
Reverse Recover Time Distribution
0
20
40
60
80
100
28
24
20
16
12
8
Ta=25℃
Ta=100℃
10
1.0
0.1
0.01
0.001
0
4
8
12
16
20
Reverse Characteristics
100
50
0
100
50
0
Ta=25℃
N=100pcs.
2CL75A
2CL74A
Ta=25℃
2CL74A
2CL75A
20
16
12
8
4
0
2CL75A
2CL74A
Ta≤100℃
2CL75A
2CL74A
Ta=100℃
2CL74A
2CL75A
100
80
60
40
20
0
22
26
30
34
38
2CL74A
2CL75A
Ta =25℃
IR=100μA
N=100pcs.
VR—IF(AV) Curve
IF(AV)—fH Curve
2.0
1.5
1.0
0.5
0
10
50
100
200
Ta≤100℃
V(BR)(kV)
VRM(kV)
trr(μs)
VFM(V)
IF(AV)(mA)
fH(kHZ)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com