Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL75A Datasheet(PDF) 1 Page - Diotech Company.

Part # 2CL75A
Description  FAST RECORECOVERY HIGH VOLTAGE DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

2CL75A Datasheet(HTML) 1 Page - Diotech Company.

  2CL75A Datasheet HTML 1Page - Diotech Company. 2CL75A Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL74A THRU 2CL75A
FAST RECORECOVERY HIGH VOLTAGE DIODE
Reverse Voltage - 14000 to 20000 Volts
Forward Current - 5.0 mAmpere
Supersmall size
High reliability
High speed switching
FEATURES
APPLICATIONS
●
●
●
Dimensions in inches and (millimeters)
Type
Code
Cathode Mark
2CL74A
T74A
2CL75A
T75A
●
Rectification for high voltage power supply of color T.V.
●
Rectification for high voltage power supply of CRT Display.
●
Others.
Limiting Values (Absolute Maximum Rating)
Item
Symbol Unit
2CL74A
2CL75A
Repetitive Peak Reverse Voltage
VRRM
6
1
4
1
KV
Non-Repetitive Peak Reverse Voltage
VRSM
0
2
7
1
KV
Average Forward Current
IF(AV)
mA
5
(50HZHalf-sine wave, Resistance load, Ta=25 )
Surge(Non-repetitive)Forward Current
IFSM
A
0.5
(50HZHalf-sine wave,1cycle,Ta=25 )
OperatingAmbient Temperature
Ta
-40 ~ +100
Storage Temperature
Tstg
-40 ~ +120
Virtual Junction Temperature
T(vj)
120
Electrical Characteristics (Ta=25 Unless otherwise specified)
Max
Item
Symbol
Unit
Test Condition
2CL74A
2CL75A
Peak Forward Voltage
VFM
V
IFM=10mA
51
60
IRRM1
Ta=25
2
Peak Reverse Current
IRRM2
A
VRM=VRRM
Ta=100
5
Reverse Recovery Time
TRR
S
IF=2mA IRM=4mA
0.08
C
C
C
C
C
C
C
C


Similar Part No. - 2CL75A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
2CL75A LUGUANG-2CL75A Datasheet
202Kb / 2P
楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
American Microsemicondu...
2CL75A AMMSEMI-2CL75A Datasheet
673Kb / 4P
High Voltage Rectifier Series
logo
GETAI ELECTRONICS DEVIC...
2CL75A GETEDZ-2CL75A Datasheet
639Kb / 2P
High Voltage Silicon Rectifier Diode
logo
Anshan Leadsun Electron...
2CL75A LEADSUN-2CL75A Datasheet
334Kb / 1P
High Voltage Diode
logo
SiPower Inc.
2CL75A SIPOWER-2CL75A Datasheet
68Kb / 2P
Fast Recovery High Voltage Diodes
More results

Similar Description - 2CL75A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459F-1500 PHILIPS-BY459F-1500 Datasheet
34Kb / 6P
Rectifier diode fast, high-voltage
August 1996-Rev 1.200
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
DAMPER DIODE FAST , HIGH VOLTAGE
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G Datasheet
138Kb / 2P
High Voltage Fast Switching Diode
BAV19W-G TSC-BAV19W-G_14 Datasheet
206Kb / 5P
High Voltage Fast Switching Diode
logo
STMicroelectronics
STTB1206M STMICROELECTRONICS-STTB1206M Datasheet
344Kb / 7P
ultra-fast high voltage diode
Aug-1993
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com