Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4835 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4835
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4835 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4835 Datasheet HTML 8Page - National Semiconductor (TI) LM4835 Datasheet HTML 9Page - National Semiconductor (TI) LM4835 Datasheet HTML 10Page - National Semiconductor (TI) LM4835 Datasheet HTML 11Page - National Semiconductor (TI) LM4835 Datasheet HTML 12Page - National Semiconductor (TI) LM4835 Datasheet HTML 13Page - National Semiconductor (TI) LM4835 Datasheet HTML 14Page - National Semiconductor (TI) LM4835 Datasheet HTML 15Page - National Semiconductor (TI) LM4835 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
At low frequencies the capacitor will be virtually an open cir-
cuit. At high frequencies the capacitor will be virtually a short
circuit. As a result of this, the gain of the bridge amplifier is
increased at low frequencies. A first order pole is formed with
a corner frequency at:
f
c = 1/(2πRLFEC LFE)
The resulting low frequency differential gain of this bridged
amplifier becomes:
2(R
f +RLFE)/R i =Avd
With R
F = 20kΩ,RLFE = 20kΩ, and CLFE = 0.068 µF, a first
order pole is formed with a corner frequency of 120 Hz. At
low frequencies the differential gain will be 4, assuming R
S =
20k
Ω. The low frequency boost formulas assume that C
O,
C
i,fIC,fOC allow the appropriate low frequency response.
The bass boost feature is enabled/disable by toggling the
logic at pin 3.
DC VOLUME CONTROL
The DC voltage at the DC Volume Control pin (pin 7) deter-
mines the attenuation of output of the amplifiers. If the DC
potential of pin 7 is at 4V (or 80% V
DD) the internal amplifiers
are set at unity gain. The attenuator range is from 0dB (pin7
=80% V
DD) to -81dB (pin7 = 0V). Any DC voltage greater
than 4V (or 80% V
DD) will result in a gain of unity. When the
mode pin is given a logic low,amplifiers will be fixed at a gain
of unity regardless of the voltage of pin 7. Refer to the Typi-
cal Performance Characteristics for detailed information of
the attenuation characteristics of the DC Volume Control pin.
DS100139-11
FIGURE 5. Low Frequency Enhancement
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com