Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4835MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4835MT
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4835MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4835MT Datasheet HTML 1Page - National Semiconductor (TI) LM4835MT Datasheet HTML 2Page - National Semiconductor (TI) LM4835MT Datasheet HTML 3Page - National Semiconductor (TI) LM4835MT Datasheet HTML 4Page - National Semiconductor (TI) LM4835MT Datasheet HTML 5Page - National Semiconductor (TI) LM4835MT Datasheet HTML 6Page - National Semiconductor (TI) LM4835MT Datasheet HTML 7Page - National Semiconductor (TI) LM4835MT Datasheet HTML 8Page - National Semiconductor (TI) LM4835MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4835
Stereo 2W Audio Power Amplifiers
with DC Volume Control and Selectable Gain
General Description
The LM4835 is a monolithic integrated circuit that provides
DC volume control, and stereo bridged audio power amplifi-
ers capable of producing 2W into 4
Ω (Note 1) with less than
1.0% THD or 2.2W into 3
Ω (Note 2) with less than 1.0%
THD.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4835 incorporates a
DC volume control, stereo bridged audio power amplifiers
and a selectable gain or bass boost, making it optimally
suited for multimedia monitors, portable radios, desktop, and
portable computer applications.
The LM4835 features an externally controlled, low-power
consumption shutdown mode, and both a power amplifier
and headphone mute for maximum system flexibility and
performance.
Note 1: When properly mounted to the circuit board, the LM4835MTE will
deliver 2W into 4
Ω. The LM4835MT will deliver 1.1W into 8Ω. See the Appli-
cation Information section for LM4835MTE usage information.
Note 2: An LM4835MTE which has been properly mounted to the circuit
board and forced-air cooled will deliver 2.2W into 3
Ω.
Key Specifications
n PO at 1% THD+N
into 3
Ω (LM4835MTE)
2.2W(typ)
into 4
Ω (LM4835MTE)
2.0W(typ)
into 8
Ω (LM4835)
1.1W(typ)
n Single-ended mode - THD+N
at 85mW into 32
Ω
1.0%(typ)
n Shutdown current
0.7µA(typ)
Features
n PC98 Compliant
n DC Volume Control Interface
n System Beep Detect
n Stereo switchable bridged/single-ended power amplifiers
n Selectable internal/external gain and bass boost
configurable
n “Click and pop” suppression circuitry
n Thermal shutdown protection circuitry
Applications
n Portable and Desktop Computers
n Multimedia Monitors
n Portable Radios, PDAs, and Portable TVs
Block Diagram
Connection Diagram
Boomer® is a registered trademark of NationalSemiconductor Corporation.
DS100139-1
FIGURE 1. LM4835 Block Diagram
TSSOP Package
DS100139-2
Top View
Order Number LM4835MT
See NS Package Number MTC28 for TSSOP
Order Number LM4835MTE
See NS Package Number MXA28A for Exposed DAP
TSSOP
March 1999
© 1999 National Semiconductor Corporation
DS100139
www.national.com


Similar Part No. - LM4835MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4835MTX/NOPB TI1-LM4835MTX/NOPB Datasheet
1Mb / 34P
Stereo 2W Audio Power Amplifiers
More results

Similar Description - LM4835MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com