Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4836 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4836
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4836 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4836 Datasheet HTML 8Page - National Semiconductor (TI) LM4836 Datasheet HTML 9Page - National Semiconductor (TI) LM4836 Datasheet HTML 10Page - National Semiconductor (TI) LM4836 Datasheet HTML 11Page - National Semiconductor (TI) LM4836 Datasheet HTML 12Page - National Semiconductor (TI) LM4836 Datasheet HTML 13Page - National Semiconductor (TI) LM4836 Datasheet HTML 14Page - National Semiconductor (TI) LM4836 Datasheet HTML 15Page - National Semiconductor (TI) LM4836 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Information (Continued)
BASS BOOST FUNCTION
The Bass Boost Function can be toggled by changing the
logic at pin 19. A logic low will switch the power amplifiers to
bass boost mode. In bass boost mode the low frequency
gain of the amplifier is set by the external capacitor.
Whereas a logic high sets the amplifiers to unity gain.
In some cases a designer may want to improve the low fre-
quency response of the bridged amplifier or incorporate a
bass boost feature. This bass boost can be useful in systems
where speakers are housed in small enclosures. If the de-
signer wishes to disable the bass boost feature, pin 19 can
be tied to V
DD.
When bass boost is enabled, the output amplifiers will be in-
ternally set at a gain of 2 at low frequencies (gain of 4 in
bridged mode). As shown in Figure 2, C
BASS sets the cutoff
frequency for the bass boost. At low frequencies the capaci-
tor will be virtually an open circuit. At high frequencies the ca-
pacitor will be virtually a short circuit. As a result of this, the
gain of the bridge amplifier is increased at low frequencies. A
first order pole is formed with a corner frequency at:
f
c = 1/(2π10kΩCBASS)
The resulting low frequency differential gain of this bridged
amplifier becomes:
2(10k
Ω +10kΩ) /10kΩ =4
With C
BASS = 0.1 µF, a first order pole is formed with a corner
frequency of 160 Hz. The low frequency boost formulas as-
sume that C
O,Ci,fIC,fOC allow the appropriate low fre-
quency response as explained in the Proper Selection of
External Components section. See the Typical Perfor-
mance Characteristics section for a graph that includes
bass boost performance with various values of C
BASS.
DC VOLUME CONTROL
The DC voltage at the DC Volume Control pin (pin 5) deter-
mines the attenuation of output of the amplifiers. If the DC
potential of pin 5 is above 4V (typical 80% V
DD) the internal
amplifiers are set at unity gain. The attenuator range is from
0dB(pin5=80% V
DD) to -81 dB (pin 5 = 0V). Any DC volt-
age greater than 4V (or 80% V
DD) will result in a gain of
unity. Refer to the Typical Performance Characteristics for
detailed information of the attenuation characteristics of the
DC Volume Control pin.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com