Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFT-FRBX10SF1OSSAMSSL Datasheet(PDF) 3 Page - SICK AG

Part # PFT-FRBX10SF1OSSAMSSL
Description  PRESSURE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PFT-FRBX10SF1OSSAMSSL Datasheet(HTML) 3 Page - SICK AG

  PFT-FRBX10SF1OSSAMSSL Datasheet HTML 1Page - SICK AG PFT-FRBX10SF1OSSAMSSL Datasheet HTML 2Page - SICK AG PFT-FRBX10SF1OSSAMSSL Datasheet HTML 3Page - SICK AG PFT-FRBX10SF1OSSAMSSL Datasheet HTML 4Page - SICK AG PFT-FRBX10SF1OSSAMSSL Datasheet HTML 5Page - SICK AG PFT-FRBX10SF1OSSAMSSL Datasheet HTML 6Page - SICK AG PFT-FRBX10SF1OSSAMSSL Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PFT-FRBX10SF1OSSAMSSL | PFT
PRESSURE SENSORS
Short-circuit protection: QA towards M
Reverse polarity protection: L+ to M
Protection class: III
Dielectric strength
500 V DC, NEC Class 02 power supply (low voltage and low current max. 100 VA even in the
event of a fault)
CE-conformity
Pressure equipment directive: 97/23/EC, EMC directive: 2004/108/EC, EN 61326-2-3
Weight sensor
Approx. 200 g
Seal
NBR
Enclosure rating
IP 67
Protection class III
✔
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage temperature
–40 °C ... +100 °C, with flush-mounted membrane and cooling element –20 °C ... +100 °C
Shock load
1000 g according to IEC 60068-2-27 (mechanical shock)
400 g according to IEC 60068-2-27 (mechanical shock) for version with integrated cooling ele-
ment
Vibration load
20 g according to IEC 60068-2-6 (vibration under resonance)
10 g according to IEC 60068-2-6 (vibration undencr resonae) for version with integrated cool-
ing element
Classifications
ECl@ss 5.0
27200614
ECl@ss 5.1.4
27200614
ECl@ss 6.0
27200614
ECl@ss 6.2
27200614
ECl@ss 7.0
27200614
ECl@ss 8.0
27200614
ECl@ss 8.1
27200614
ECl@ss 9.0
27200614
ETIM 5.0
EC002476
ETIM 6.0
EC002476
UNSPSC 16.0901
41112410
Dimensional drawing (Dimensions in mm (inch))
G 1 B without cooling section
G 1 B
41
(1.61)
2017-01-16 15:56:27 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com