Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4000 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4000
Description  16-Bit, 2 MSPS Precision Pseudo Differential ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4000 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4000 Datasheet HTML 17Page - Analog Devices AD4000 Datasheet HTML 18Page - Analog Devices AD4000 Datasheet HTML 19Page - Analog Devices AD4000 Datasheet HTML 20Page - Analog Devices AD4000 Datasheet HTML 21Page - Analog Devices AD4000 Datasheet HTML 22Page - Analog Devices AD4000 Datasheet HTML 23Page - Analog Devices AD4000 Datasheet HTML 24Page - Analog Devices AD4000 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD4000
Data Sheet
Rev. 0 | Page 20 of 32
RC FILTER BANDWIDTHS (Hz),
RESISTOR (Ω), CAPACITOR (pF)
–115
–105
–110
–100
–95
–90
–85
–80
–70
–75
260.482kHz
1.3kΩ
470pF
497.981kHz
680Ω
470pF
1.3MHz
680Ω
180pF
2.27MHz
390Ω
180pF
4.42MHz
200Ω
180pF
ADA4077-1 HIGH-Z ENABLED
ADA4077-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
Figure 40. THD vs. RC Bandwidth for Various Precision ADC Drivers, VREF = 5 V,
fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled)
Long Acquisition Phase
The AD4000 also features a very fast conversion time of 290 ns,
which results in a long acquisition phase. The acquisition is further
extended by a key feature of the AD4000: the ADC returns back
to the acquisition phase typically 100 ns before the end of the
conversion. This feature provides an even longer time for the ADC
to acquire the new input voltage. A longer acquisition phase
reduces the settling requirement on the driving amplifier, and a
lower power/bandwidth amplifier can be chosen. The longer
acquisition phase means that a lower RC filter cutoff can be used,
which means a noisier amplifier can also be tolerated. A larger
value of R can be used in the RC filter with a corresponding smaller
value of C, reducing amplifier stability concerns without impacting
distortion performance significantly. A larger value of R also
results in reduced dynamic power dissipation in the amplifier.
See Table 10 for details on setting the RC filter bandwidth and
choosing a suitable amplifier.
VOLTAGE REFERENCE INPUT
A 10 µF (X7R, 0805 size) ceramic chip capacitor is appropriate
for the optimum performance of the reference input.
For higher performance and lower drift, use a reference such as
the ADR4550. Use a low power reference such as the ADR3450
at the expense of a slight decrease in the noise performance. It is
recommended to use a reference buffer such as the ADA4807-1
between the reference and the ADC reference input. It is important
to consider the optimum size of capacitance necessary to keep
the reference buffer stable as well as to meet the minimum ADC
requirement stated previously in this section.
POWER SUPPLY
The AD4000 uses two power supply pins: a core supply (VDD) and
a digital input/output interface supply (VIO). VIO allows direct
interface with any logic between 1.8 V and 5.5 V. To reduce the
number of supplies needed, VIO and VDD can be tied together
for 1.8 V operation. The ADP7118 low noise, CMOS, low
dropout (LDO) linear regulator is recommended to power the
VDD and VIO pins. The AD4000 is independent of power supply
sequencing between VIO and VDD. Additionally, the AD4000 is
insensitive to power supply variations over a wide frequency
range, as shown in Figure 41.
100
1k
10k
100k
1M
FREQUENCY (Hz)
55
60
65
70
75
80
Figure 41. PSRR vs. Frequency, VIO = 3.3 V, VREF = 5 V
The AD4000 powers down automatically at the end of each
conversion phase; therefore, the power scales linearly with the
sampling rate. This feature makes the device ideal for low
sampling rates (even of a few hertz) and low battery-powered
applications. Figure 42 shows the AD4000 total power
dissipation and individual power dissipation for each rail.
10
100
1k
10k
100k
1M
THROUGHPUT (Hz)
0.01
0.1
1
10
100
1k
10k
100k
VDD
VIO
VREF
TOTAL POWER
Figure 42. Power Dissipation vs. Throughput, VIO = 1.8 V, VREF = 5 V
DIGITAL INTERFACE
Although the AD4000 has a reduced number of pins, it offers
flexibility in its serial interface modes. The AD4000 can also be
programmed via 16-bit SPI writes to the configuration registers.
When in CS mode, the AD4000 is compatible with SPI, QSPI™,
digital hosts, and DSPs. In this mode, the AD4000 can use either a
3-wire or 4-wire interface. A 3-wire interface using the CNV,
SCK, and SDO signals minimizes wiring connections, which is
useful, for instance, in isolated applications. A 4-wire interface
using the SDI, CNV, SCK, and SDO signals allows CNV, which
initiates the conversions, to be independent of the readback
timing (SDI). This interface is useful in low jitter sampling or
simultaneous sampling applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com