Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4003 Datasheet(PDF) 21 Page - Analog Devices

Part # AD4003
Description  18-Bit, 2 MSPS Precision SAR Differential ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4003 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4003 Datasheet HTML 17Page - Analog Devices AD4003 Datasheet HTML 18Page - Analog Devices AD4003 Datasheet HTML 19Page - Analog Devices AD4003 Datasheet HTML 20Page - Analog Devices AD4003 Datasheet HTML 21Page - Analog Devices AD4003 Datasheet HTML 22Page - Analog Devices AD4003 Datasheet HTML 23Page - Analog Devices AD4003 Datasheet HTML 24Page - Analog Devices AD4003 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AD4003
Data Sheet
Rev. 0 | Page 20 of 33
High-Z Mode
The AD4003 incorporates high-Z mode, which reduces the
nonlinear charge kickback when the capacitor DAC switches
back to the input at the start of acquisition. Figure 40 shows the
input current of the AD4003 with high-Z mode enabled and
disabled. The low input current makes the ADC easier to drive
than the traditional SAR ADCs available in the market, even
with high-Z mode disabled. The input current reduces further
to sub microampere range when high-Z mode is enabled. The
high-Z mode is disabled by default, but can be enabled by
writing to the register (see Table 14). Disable high-Z mode for
input frequencies above 100 kHz or multiplexing.
15
6
–12
–6
12
0
3
–9
9
–3
–15
–5
3
1
–1
–3
5
2
0
–2
–4
4
INPUT DIFFERENTIAL VOLTAGE (V)
25°C HIGH-Z ENABLED
25°C HIGH-Z DISABLED
Figure 40. Input Current vs. Input Differential Voltage,
VIO = 3.3 V, VREF = 5 V
System designers looking to achieve the optimum data sheet
performance from high resolution precision SAR ADCs are often
forced to use a dedicated high power, high speed amplifier to
drive the traditional switched capacitor SAR ADC inputs for
their precision applications, which is one of the common pain
points encountered in designing a precision data acquisition
signal chain. The benefits of high-Z mode are low input current
for slow (<10 kHz) or dc type signals and improved distortion
(THD) performance over a frequency up to 100 kHz. High-Z
mode allows a choice of lower power and bandwidth precision
amplifiers with a lower RC filter cutoff to drive the ADC, removing
the need for dedicated high speed ADC drivers, which saves system
power, size, and cost in precision, low bandwidth applications.
High-Z mode allows the amplifier and RC filter in front of the
ADC to be chosen based on the signal bandwidth of interest
and not based on the settling requirements of the switched
capacitor SAR ADC inputs.
Additionally, the AD4003 can be driven with a much higher source
impedance than traditional SARs, which means the resistor in the
RC filter can have a value 10 times larger than previous SAR
designs and, with high-Z mode enabled, can tolerate even larger
impedance. Figure 40 shows the THD performance for various
source impedances with high-Z mode disabled and enabled.
Figure 42 and Figure 43 show the AD4003 SNR and THD perfor-
mance using the ADA4077-1 (IQUIESCENT = 400 µA/amplifier) and
ADA4610-1 (IQUIESCENT = 1.5 mA/amplifier) precision amplifiers
when driving the AD4003 at the full throughput of 2 MSPS for
high-Z mode enabled and disabled with various RC filter values.
These amplifiers achieve 96 dB to 99 dB typical SNR and better
than −110 dB THD with high-Z enabled. THD is approximately
10 dB better with high-Z mode enabled, even for large R values.
SNR holds up close to 99 dB, even with a very low RC
bandwidth cutoff.
–85
–90
–100
–110
–95
–105
–115
–120
–125
1
10
20
INPUT FREQUENCY (KHz)
1k
Ω HIGH-Z DISABLED
1k
Ω HIGH-Z ENABLED
510
Ω HIGH-Z DISABLED
510
Ω HIGH-Z ENABLED
150
Ω HIGH-Z DISABLED
150
Ω HIGH-Z ENABLED
Figure 41. THD vs. Input Frequency for Various Source Impedance, VREF = 5 V
When high-Z mode is enabled, the ADC consumes approximately
2 mW/MSPS extra power; however, this is still significantly lower
than using dedicated ADC drivers like the ADA4807-1. For any
system, the front end usually limits the overall ac/dc performance
of the signal chain. It is evident from the data sheet of the
selected precision amplifiers shown in Figure 42 and Figure 43
that their own noise and distortion performance dominates the
SNR and THD specification at a certain input frequency.
100
97
91
85
94
88
82
76
79
73
70
260kHz
1.3k
Ω
470pF
498kHz
680
Ω
470pF
2.27MHz
390
Ω
180pF
1.3MHz
680
Ω
180pF
4.42MHz
200
Ω
180pF
RC FILTER BANDWIDTH (Hz)
RESISTOR (Ω), CAPACITOR (pF)
ADA4077-1 HIGH-Z DISABLED
ADA4077-1 HIGH-Z ENABLED
ADA4610-1 HIGH-Z DISABLED
ADA4610-1 HIGH-Z ENABLED
Figure 42. SNR vs. RC Filter Bandwidth for Various Precision ADC Drivers,
VREF = 5 V, fIN = 1 kHz (Turbo Mode On, High-Z Enabled/Disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com