Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2001-200-R Datasheet(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2001-200-R
Description  SP2T PIN Diode Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2001-200-R Datasheet(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button MSW2001-200-R Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MSW2001-200-R Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW200x-200
10
10
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
10
SP2T Switch Evaluation Board Schematic
The evaluation boards for the MSW200x-200 family
of surface mount silicon PIN diode SP2T T-R
switches allow the full exercise of each switch for
small signal performance analysis, as well as for
large signal operation with maximum input signal
power of 45 dBm (CW or peak power). Each
evaluation board includes the appropriate MSW200x
-200 switch, DC blocking capacitors at each RF port
and bias decoupling networks at each RF port which
allow DC or low frequency control signals to be
applied to the switch.
Three complementary control signals are required
for proper operation. Bias voltages are applied to the
TX bias port, RX bias port and the DC bias port to
control the state of the switch. A bias voltage of 5 V
must be applied to the Ant Bias (pin 3 of multi-pin
connector P1) port whenever the switch is in
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com