Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9363ABCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9363ABCZ
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ Datasheet(HTML) 3 Page - Analog Devices

  AD9363ABCZ Datasheet HTML 1Page - Analog Devices AD9363ABCZ Datasheet HTML 2Page - Analog Devices AD9363ABCZ Datasheet HTML 3Page - Analog Devices AD9363ABCZ Datasheet HTML 4Page - Analog Devices AD9363ABCZ Datasheet HTML 5Page - Analog Devices AD9363ABCZ Datasheet HTML 6Page - Analog Devices AD9363ABCZ Datasheet HTML 7Page - Analog Devices AD9363ABCZ Datasheet HTML 8Page - Analog Devices AD9363ABCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 3 of 32
SPECIFICATIONS
Electrical characteristics at VDD_GPO = 3.3 V, VDD_INTERFACE = 1.8 V, and all other VDDx pins (VDDA1P3_TX_LO, VDDA1P3_
TX_VCO_LDO, VDDA1P3_RX_LO, VDDA1P3_RX_VCO_LDO, VDDA1P3_RX_RF, VDDA1P3_RX_TX, VDDA1P3_TX_LO_BUFFER,
VDDA1P3_TX_SYNTH, VDDA1P3_RX_SYNTH, VDDD1P3_DIG, and VDDA1P3_BB) = 1.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RECEIVERS, GENERAL
Center Frequency
325
3800
MHz
Rx Bandwidth
20
MHz
Gain
Minimum
0
dB
Maximum
74.5
dB
At 800 MHz
73.0
dB
At 2300 MHz (RX1A_x, RX2A_x)
72.0
dB
At 2300 MHz (RX1B_x, RX1C_x, RX2B_x, RX2C_x)
Gain Step
1
dB
Received Signal Strength Indicator
RSSI
Range
100
dB
Accuracy
±2
dB
RECEIVERS, 800 MHz
Noise Figure
NF
2.5
dB
Maximum Rx gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−18
dBm
Maximum Rx gain
Second-Order Input Intermodulation
Intercept Point
IIP2
40
dBm
Maximum Rx gain
Local Oscillator (LO) Leakage
−122
dBm
At Rx front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−34
dB
19.2 MHz reference clock
Input Return Loss
S11
−10
dB
RX1x_x to RX2x_x Isolation
RX1A_x to RX2A_x, RX1C_x to RX2C_x
70
dB
RX1B_x to RX2B_x
55
dB
RX2_x to RX1_x Isolation
RX2A_x to RX1A_x, RX2C_x to RX1C_x
70
dB
RX2B_x to RX1B_x
55
dB
RECEIVERS, 2.4 GHz
Noise Figure
NF
3
dB
Maximum Rx gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−14
dBm
Maximum Rx gain
Second-Order Input Intermodulation
Intercept Point
IIP2
45
dBm
Maximum Rx gain
Local Oscillator (LO) Leakage
−110
dBm
At Rx front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−34
dB
40 MHz reference clock
Input Return Loss
S11
−10
dB
RX1x_x to RX2x_x Isolation
RX1A_x to RX2A_x, RX1C_x to RX2C_x
65
dB
RX1B_x to RX2B_x
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com