Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4571-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4571-2
Description  Integrated AMR Angle Sensor and Signal Conditioner
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4571-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4571-2 Datasheet HTML 5Page - Analog Devices ADA4571-2 Datasheet HTML 6Page - Analog Devices ADA4571-2 Datasheet HTML 7Page - Analog Devices ADA4571-2 Datasheet HTML 8Page - Analog Devices ADA4571-2 Datasheet HTML 9Page - Analog Devices ADA4571-2 Datasheet HTML 10Page - Analog Devices ADA4571-2 Datasheet HTML 11Page - Analog Devices ADA4571-2 Datasheet HTML 12Page - Analog Devices ADA4571-2 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Data Sheet
ADA4571-2
Rev. 0 | Page 13 of 13
OUTLINE DIMENSIONS
TOP VIEW
SEATING
PLANE
COPLANARITY
0.10
SIDE VIEW
1.04
REF
0.50
0.25
× 45°
END VIEW
0.25
0.17
1.27
0.40
0°~8°
1.27
BSC
0.2667
0.475
4.475
4.475
3.00
10.00
9.90
9.80
6.20
6.00
5.80
4.00
3.90
3.80
0.51
0.41
0.31
2.00
1.95
1.90
1.03
0.95
0.87
1.50
1.37
1.25
1.75
1.55
1.35
0.25
0.18
0.10
PIN 1
INDICATOR
1
8
16
9
COMPLIANT TO JEDEC STANDARDS MS-012-AC
DETAIL A
(NOTE 1)
DETAIL A
(NOTE 2, 3, 4)
± 2°
NOTES:
1. MAXIMUM SENSOR ROTATION IS SHOWN IN DETAIL A.
2. THIS DIMENSION AND TRUE POSITION SPECIFY THE LOCATION
OF THE CENTER OF THE SENSING ELEMENTS WITH RESPECT TO
EACH OTHER AND CENTER OF THE PACKAGE.
3. DOES NOT INCLUDE MOLD FLASH, DAMBAR PROTRUSIONS, OR BURRS.
4. MOLD BODY WIDTH AND LENGTH DIMENSIONS DO NOT INCLUDE
MOLD FLASH, OFFSETS, OR MOLD GATE PROTRUSIONS.
AMR sensing
element
Figure 17. 16-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-16
-S)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADA4571-2WHRZ-RL
−40°C to +150°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
-S
EVAL-ADA4571-2EBZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADA4571-2W model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that this automotive model may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for this model.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15015-0-11/16(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com