Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSW2011-201 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MSW2011-201
Description  SP2T PIN Diode Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MSW2011-201 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MSW2011-201 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MSW2011-201 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP2T PIN Diode Switch
Rev. V1
MSW201x-201
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DS-xxxxxxx
2
MSW2010-201 Electrical Specifications: TA = +25°C, PIN = 0 dBm, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
MHz
50
—
1000
TX-Ant Insertion Loss
Condition 1
dB
—
0.15
0.25
Ant-RX Insertion Loss
Condition 2
dB
—
0.25
0.35
TX-Ant Return Loss
Condition 1
dB
20
22
—
Ant-RX Return Loss
Condition 2
dB
20
23
—
TX-RX Isolation
Condition 1
dB
48
52
—
RX-TX Isolation
Condition 2
dB
22
26
—
TX CW Incident Power1
Condition 1, 1.5:1 Source & Load VSWR
dBm
—
—
50
RX CW Incident Power1
Condition 2, 1.5:1 Source & Load VSWR
dBm
—
—
43
TX Peak Incident Power1
Condition 1, 10 µs Pulse Width, 1% Duty Cycle,
1.5:1 Source & Load VSWR (IL)
dBm
—
—
57
Switching Time2
10% - 90% RF Voltage
µs
—
2
3
Input IP3
F1 = 500 MHz, F2 = 510 MHz, P1=P2=10 dBm
dBm
60
65
—
Continued
MSW2011-201 Electrical Specifications: TA = +25°C, PIN = 0 dBm, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
—
MHz
400
—
4000
TX-Ant Insertion Loss
Condition 1
dB
—
0.3
0.4
Ant-RX Insertion Loss
Condition 2
dB
—
0.4
0.5
TX-Ant Return Loss
Condition 1
dB
15
18
—
Ant-RX Return Loss
Condition 2
dB
15
17
—
TX-RX Isolation
Condition 1
dB
32
36
—
RX-TX Isolation
Condition 2
dB
12
14
—
TX CW Incident Power1
Condition 1, 1.5:1 Source & Load VSWR
dBm
—
—
50
RX CW Incident Power1
Condition 2, 1.5:1 Source & Load VSWR
dBm
—
—
43
TX Peak Incident Power1
Condition 1, 10 µs Pulse Width, 1% Duty Cycle,
1.5:1 Source & Load VSWR (IL)
dBm
—
—
57
Switching Time2
10% - 90% RF Voltage
µs
—
1.5
2.0
Input IP3
F1 = 2.0 GHz, F2 = 2.01 GHz, P1=P2=40 dBm
dBm
60
65
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com