Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4356 Datasheet(PDF) 9 Page - Analog Devices

Part # ADF4356
Description  6.8 GHz Wideband Synthesizer with Integrated VCO
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4356 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF4356 Datasheet HTML 5Page - Analog Devices ADF4356 Datasheet HTML 6Page - Analog Devices ADF4356 Datasheet HTML 7Page - Analog Devices ADF4356 Datasheet HTML 8Page - Analog Devices ADF4356 Datasheet HTML 9Page - Analog Devices ADF4356 Datasheet HTML 10Page - Analog Devices ADF4356 Datasheet HTML 11Page - Analog Devices ADF4356 Datasheet HTML 12Page - Analog Devices ADF4356 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Data Sheet
ADF4356
Rev. 0 | Page 9 of 35
TYPICAL PERFORMANCE CHARACTERISTICS
–170
–150
–130
–110
–90
–70
–50
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
Figure 4. Open-Loop VCO Phase Noise, 3.4 GHz
–170
–150
–130
–110
–90
–70
–50
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
Figure 5. Open-Loop VCO Phase Noise, 5.0 GHz
–170
–150
–130
–110
–90
–70
–50
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET FROM CARRIER (Hz)
Figure 6. Open-Loop VCO Phase Noise, 6.8 GHz
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
DIV1
DIV2
DIV4
DIV8
DIV16
DIV32
DIV64
Figure 7. Closed-Loop Phase Noise, RFOUTB+ (100 nH Inductors),
Fundamental VCO and Dividers, VCO = 3.4 GHz, PFD = 61.44 MHz, Loop
Bandwidth = 40 kHz
–170
–150
–130
–110
–90
–50
–70
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
DIV1
DIV2
DIV4
DIV8
DIV16
DIV32
DIV64
Figure 8. Closed-Loop Phase Noise, RFOUTB+ (100 nH Inductors),
Fundamental VCO and Dividers, VCO = 5.0 GHz, PFD = 61.44 MHz, Loop
Bandwidth = 40 kHz
–170
–150
–130
–110
–90
–50
–70
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
DIV1
DIV2
DIV4
DIV8
DIV16
DIV32
DIV64
Figure 9. Closed-Loop Phase Noise, RFOUTB+ (100 nH Inductors),
Fundamental VCO and Dividers, VCO = 6.8 GHz, PFD = 61.44 MHz, Loop
Bandwidth = 40 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com